Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

MCP79521 Datasheet(PDF) 41 Page - Microchip Technology

Part # MCP79521
Description  Battery-Backed SPI Real-Time Clock/Calendar
PDF  58 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MICROCHIP [Microchip Technology]
Direct Link  http://www.microchip.com
Logo MICROCHIP - Microchip Technology

MCP79521 Datasheet(HTML) 41 Page - Microchip Technology

Back Button MCP79521 Datasheet HTML 37Page - Microchip Technology MCP79521 Datasheet HTML 38Page - Microchip Technology MCP79521 Datasheet HTML 39Page - Microchip Technology MCP79521 Datasheet HTML 40Page - Microchip Technology MCP79521 Datasheet HTML 41Page - Microchip Technology MCP79521 Datasheet HTML 42Page - Microchip Technology MCP79521 Datasheet HTML 43Page - Microchip Technology MCP79521 Datasheet HTML 44Page - Microchip Technology MCP79521 Datasheet HTML 45Page - Microchip Technology Next Button
Zoom Inzoom in Zoom Outzoom out
 41 / 58 page
background image
 2012-2022 Microchip Technology Inc. and its subsidiaries
DS20002300D-page 41
MCP7951X/MCP7952X
6.3.2
EEPROM READ SEQUENCE
The device is selected by pulling CS low. The 8-bit
EEREAD instruction is transmitted to the MCP795XX
followed by an 8-bit address. See Figure 6-8 for more
details.
After the correct EEREAD instruction and address are
sent, the data stored in the EEPROM at the selected
address is shifted out on the SO pin. Data stored in the
memory at the next address can be read sequentially
by continuing to provide clock pulses to the client. The
internal Address Pointer automatically increments to
the next higher address after each byte of data is
shifted out. When the highest address is reached, the
address counter rolls over to address 00h allowing the
read cycle to be continued indefinitely. The read
operation is terminated by raising the CS pin
(Figure 6-8).
6.3.3
EEPROM WRITE SEQUENCE
Prior to any attempt to write data to the MCP795XX
EEPROM, the write enable latch must be set by issuing
the EEWREN instruction. This is done by setting CS low
and then clocking out the proper instruction into the
MCP795XX. After all eight bits of the instruction are
transmitted, CS must be driven high to set the write
enable latch. If the write operation is initiated
immediately after the EEWREN instruction without CS
driven high, data will not be written to the array since
the write enable latch was not properly set.
After setting the write enable latch, the user may
proceed by driving CS low, issuing an EEWRITE
instruction, followed by the address and then the data
to be written. Up to 8 bytes of data can be sent to the
device before a write cycle is necessary. The only
restriction is that all of the bytes must reside in the
same page.
Additionally, a page address begins with XXXX x000
and ends with XXXX x111. If the internal address
counter reaches XXXX
x111 and clock signals
continue to be applied to the chip, the address counter
will roll back to the first address of the page and
over-write any data that previously existed in those
locations.
For the data to be actually written to the array, the CS
must be brought high after the Least Significant bit (D0)
of the nth data byte has been clocked in. If CS is driven
high at any other time, the write operation will not be
completed. Refer to Figure 6-9 and Figure 6-10 for
more detailed illustrations on the byte write sequence
and the page write sequence respectively. While the
write is in progress, the STATUS register may be read
to check the status of the WIP, WEL, BP1 and BP0 bits.
Attempting to read a memory array location will not be
possible during a write cycle. Polling the WIP bit in the
STATUS register is recommended in order to
determine if a write cycle is in progress. When the write
cycle is completed, the write enable latch is reset.
FIGURE 6-8:
EEPROM READ SEQUENCE
Note:
EEPROM write operations are limited to
writing bytes within a single physical page,
regardless of the number of bytes
actually being written. Physical page
boundaries start at addresses that are
integer multiples of the page buffer size
(or ‘page size’) and end at addresses that
are integer multiples of page size – 1. If an
EEWRITE command attempts to write
across a physical page boundary, the
result is that the data wraps around to the
beginning of the current page (overwriting
data previously stored there), instead of
being written to the next page as might be
expected. It is therefore necessary for the
application software to prevent EEPROM
write operations that would attempt to
cross a page boundary.
SO
SI
SCK
CS
0
23456789 10 11
1
01
0
0
0
0
01
A7 A6 A5 A4
A1 A0
76543210
Data Out
High-Impedance
A3 A2
Address Byte
12 13 14 15 16 17 18 19 20 21 22 23
Instruction



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com