Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

MCP79521 Datasheet(PDF) 8 Page - Microchip Technology

Part # MCP79521
Description  Battery-Backed SPI Real-Time Clock/Calendar
PDF  58 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MICROCHIP [Microchip Technology]
Direct Link  http://www.microchip.com
Logo MICROCHIP - Microchip Technology

MCP79521 Datasheet(HTML) 8 Page - Microchip Technology

Back Button MCP79521 Datasheet HTML 4Page - Microchip Technology MCP79521 Datasheet HTML 5Page - Microchip Technology MCP79521 Datasheet HTML 6Page - Microchip Technology MCP79521 Datasheet HTML 7Page - Microchip Technology MCP79521 Datasheet HTML 8Page - Microchip Technology MCP79521 Datasheet HTML 9Page - Microchip Technology MCP79521 Datasheet HTML 10Page - Microchip Technology MCP79521 Datasheet HTML 11Page - Microchip Technology MCP79521 Datasheet HTML 12Page - Microchip Technology Next Button
Zoom Inzoom in Zoom Outzoom out
 8 / 58 page
background image
MCP7951X/MCP7952X
DS20002300D-page 8
 2012-2022 Microchip Technology Inc.and its subsidiaries
2.0
TYPICAL PERFORMANCE CURVES
FIGURE 2-1:
TIMEKEEPING BACKUP
CURRENT VS. BACKUP
SUPPLY VOLTAGE
FIGURE 2-2:
TIMEKEEPING CURRENT
VS. SUPPLY VOLTAGE
Note:
The graphs and tables provided following this note are a statistical summary based on a limited number of
samples and are provided for informational purposes only. The performance characteristics listed herein
are not tested or guaranteed. In some graphs or tables, the data represented may be outside the specified
operating range (e.g., outside specified power supply range) and therefore, outside the warranted range.
0.0
0.2
0.4
0.6
0.8
1.0
1.2
1.4
1.6
1.30 1.60 1.90 2.20 2.50 2.80 3.10 3.40
VBAT Voltage (V)
40
25
85
TA = -40°C
TA = 25°C
TA = 85°C
0.0
0.2
0.4
0.6
0.8
1.0
1.2
1.4
1.6
1.8
1.80
2.10
2.40
2.70
3.00
3.30
3.60
VCC Voltage (V)
40
25
85
TA = -40°C
TA = 25°C
TA = 85°C



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com