Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

MIC79050 Datasheet(PDF) 3 Page - Microchip Technology

Part # MIC79050
Description  Simple Lithium-Ion Battery Charger
PDF  28 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MICROCHIP [Microchip Technology]
Direct Link  http://www.microchip.com
Logo MICROCHIP - Microchip Technology

MIC79050 Datasheet(HTML) 3 Page - Microchip Technology

  MIC79050 Datasheet HTML 1Page - Microchip Technology MIC79050 Datasheet HTML 2Page - Microchip Technology MIC79050 Datasheet HTML 3Page - Microchip Technology MIC79050 Datasheet HTML 4Page - Microchip Technology MIC79050 Datasheet HTML 5Page - Microchip Technology MIC79050 Datasheet HTML 6Page - Microchip Technology MIC79050 Datasheet HTML 7Page - Microchip Technology MIC79050 Datasheet HTML 8Page - Microchip Technology MIC79050 Datasheet HTML 9Page - Microchip Technology Next Button
Zoom Inzoom in Zoom Outzoom out
 3 / 28 page
background image
2017 - 2022 Microchip Technology Inc. and its subsidiaries.
DS20005771B-page 3
MIC79050
1.0
ELECTRICAL CHARACTERISTICS
Absolute Maximum Ratings †
Supply Input Voltage (VIN) .......................................................................................................................... –20V to +20V
Power Dissipation (PD) (Note 1) ............................................................................................................Internally Limited
Operating Ratings ‡
Supply Input Voltage (VIN) ......................................................................................................................... +2.5V to +16V
Enable Input Voltage (VEN) .................................................................................................................................0V to VIN
† Notice: Stresses above those listed under “Absolute Maximum Ratings” may cause permanent damage to the device.
This is a stress rating only and functional operation of the device at those or any other conditions above those indicated
in the operational sections of this specification is not intended. Exposure to maximum rating conditions for extended
periods may affect device reliability.
‡ Notice: The device is not guaranteed to function outside its operating ratings.
Note 1: The maximum allowable power dissipation at any TA (ambient temperature) is calculated using: PD(max) =
(TJ(max) – TA) ÷ θJA. Exceeding the maximum allowable power dissipation will result in excessive die tem-
perature, and the regulator will go into thermal shutdown.
ELECTRICAL CHARACTERISTICS
Electrical Characteristics: VIN = VBAT + 1.0V; COUT = 4.7 μF, IOUT = 100 μA; TJ = +25°C, bold values indicate
–40°C ≤ TJ ≤ +125°C; unless noted.
Parameter
Symbol
Min.
Typ.
Max.
Units
Conditions
Battery Voltage Accuracy
VBAT
–0.75
—
0.75
%
Variation from nominal VOUT, –5°C
to +60°C
Battery Voltage Temperature
Coefficient
ΔVBAT/
ΔT
—
40
—
ppm/°C Note 1
Line Regulation
ΔVBAT/
VBAT
—
0.009
0.05
%/V
VIN = VBAT + 1V to 16V
—
—
0.1
Load Regulation
ΔVBAT/
VBAT
—
0.05
0.5
%
IOUT = 100 μA to 500 mA, Note 2
—
—
0.7
Dropout Voltage (Note 3)
VIN –
VBAT
—
380
500
mV
IOUT = 500 mA
—
—
600
Ground Pin Current (Note 4,
Note 5)
IGND
—
85
130
µA
VEN ≥ 3.0V, IOUT = 100 μA
—
—
170
—
11
20
mA
VEN ≥ 3.0V, IOUT = 500 mA
—
—
25
Ground Pin Quiescent
Current (Note 5)
IGND
—
0.05
3
µA
VEN ≤ 0.4V (shutdown)
—
0.10
8
VEN ≤ 0.18V (shutdown)
Ripple Rejection
PSRR
—
75
—
dB
f = 120 Hz
Current Limit
ILIMIT
—
750
900
mA
VBAT = 0V
—
—
1000
Thermal Regulation
ΔVBAT/
ΔPD
—
0.05
—
%/W
Note 6
ENABLE Input
Enable Input Logic-Low
Voltage
VENL
—
0.4
—
V
VEN = logic-low (shutdown)
—
—
0.18
2.0
—
—
VEN = logic-high (enabled)



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com