Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

MIC79050 Datasheet(PDF) 16 Page - Microchip Technology

Part # MIC79050
Description  Simple Lithium-Ion Battery Charger
PDF  28 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MICROCHIP [Microchip Technology]
Direct Link  http://www.microchip.com
Logo MICROCHIP - Microchip Technology

MIC79050 Datasheet(HTML) 16 Page - Microchip Technology

Back Button MIC79050 Datasheet HTML 12Page - Microchip Technology MIC79050 Datasheet HTML 13Page - Microchip Technology MIC79050 Datasheet HTML 14Page - Microchip Technology MIC79050 Datasheet HTML 15Page - Microchip Technology MIC79050 Datasheet HTML 16Page - Microchip Technology MIC79050 Datasheet HTML 17Page - Microchip Technology MIC79050 Datasheet HTML 18Page - Microchip Technology MIC79050 Datasheet HTML 19Page - Microchip Technology MIC79050 Datasheet HTML 20Page - Microchip Technology Next Button
Zoom Inzoom in Zoom Outzoom out
 16 / 28 page
background image
MIC79050
DS20005771B-page 16
2017 - 2022 Microchip Technology Inc. and its subsidiaries.
ΔT is calculated by taking the maximum junction
temperature and subtracting the maximum ambient
operating temperature.
For example, if the maximum ambient temperature is
+40°C, the ΔT is determined as follows:
EQUATION 5-1:
Using Figure 5-12, the minimum amount of required
copper can be determined based on the required
power dissipation. Power dissipation in a linear
regulator is calculated as follows:
EQUATION 5-2:
For example, using the charging circuit in Figure 5-10,
assume the input is a fixed 5V and the output is pulled
down to 4.2V at a charge current of 500 mA. The power
dissipation in the MIC79050 is calculated as follows:
EQUATION 5-3:
From Figure 5-12, the minimum amount of copper
required to operate this application at a ΔT of +85°C is
less than 50 mm2.
5.10.2
QUICK METHOD
Determine the power dissipation requirements for the
design along with the maximum ambient temperature
at which the device will be operated. Refer to
Figure 5-13, which shows safe operating curves for
three different ambient temperatures: +25°C, +50°C,
and +85°C. From these curves, the minimum amount
of copper can be determined by knowing the maximum
power dissipation required. If the maximum ambient
temperature is +40°C and the power dissipation is as
above, 0.46W, the curve in Figure 5-13 shows that the
required area of copper is 50 mm2.
The θJA of this package is ideally 63°C/W, but it will
vary depending upon the availability of copper ground
plane to which it is attached.
FIGURE 5-13:
Copper Area vs. Power
SOIC Power Dissipation (TA).
5.10.3
POWER MSOP-8 THERMAL
CHARACTERISTICS
The power MSOP-8 package follows the same idea as
the power SOIC-8 package, using four ground leads
with the die-attach paddle to create a single-piece
electrical and thermal conductor, reducing thermal
resistance and increasing power dissipation capability.
The same method of determining the heat sink area
used for the power SOIC-8 can be applied directly to
the power MSOP-8. The same two curves showing
power dissipation versus copper area are reproduced
for the power-MSOP-8 and they can be applied
identically.
5.10.4
QUICK METHOD
Determine the power dissipation requirements for the
design along with the maximum ambient temperature
at which the device will be operated. Refer to
Figure 5-15, which shows safe operating curves for
three different ambient temperatures, +25°C, +50°C,
and +85°C. From these curves, the minimum amount
of copper can be determined by knowing the maximum
power dissipation required. If the maximum ambient
temperature is +25°C and the power dissipation is 1W,
the curve in Figure 5-15 shows that the required area
of copper is 500 mm2, when using the power MSOP-8.
T
125C
=
40C 85C
=
–
PD
VIN VOUT
–
IOUT VIN IGND
+
=
PD
5V 4.2V
–
0.5A 5V 0.012A 0.460W
=
+
=
0
100
200
300
400
500
600
700
900
0
0.25 0.50 0.75 1.00 1.25 1.50
POWER DISSIPATION (W)
85°C
50°C
25°C
T
J
= 125°C



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com