Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

MIC79050 Datasheet(PDF) 12 Page - Microchip Technology

Part # MIC79050
Description  Simple Lithium-Ion Battery Charger
PDF  28 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MICROCHIP [Microchip Technology]
Direct Link  http://www.microchip.com
Logo MICROCHIP - Microchip Technology

MIC79050 Datasheet(HTML) 12 Page - Microchip Technology

Back Button MIC79050 Datasheet HTML 8Page - Microchip Technology MIC79050 Datasheet HTML 9Page - Microchip Technology MIC79050 Datasheet HTML 10Page - Microchip Technology MIC79050 Datasheet HTML 11Page - Microchip Technology MIC79050 Datasheet HTML 12Page - Microchip Technology MIC79050 Datasheet HTML 13Page - Microchip Technology MIC79050 Datasheet HTML 14Page - Microchip Technology MIC79050 Datasheet HTML 15Page - Microchip Technology MIC79050 Datasheet HTML 16Page - Microchip Technology Next Button
Zoom Inzoom in Zoom Outzoom out
 12 / 28 page
background image
MIC79050
DS20005771B-page 12
2017 - 2022 Microchip Technology Inc. and its subsidiaries.
FIGURE 5-3:
Charging Cycles.
FIGURE 5-4:
Protected Constant-Current Charger.
5.3
Protected Constant-Current
Charger
Another form of charging is using a simple wall adapter
that offers a fixed voltage at a controlled, maximum
current rating. The output of a typical charger will
source a fixed voltage at a maximum current unless
that maximum current is exceeded. In the event that
the maximum current is exceeded, the voltage will drop
while maintaining that maximum current. Using an
MIC79050 after this type of charger is ideal for
lithium-ion battery charging. The only obstacle is end of
charger termination. Using a simple differential
amplifier and a similar comparator and reference
circuit, similar to Figure 5-1, completes a single cell
lithium-ion battery charger solution.
Figure 5-4 shows this solution in completion. The
source is a fixed 5V source capable of a maximum of
400 mA of current. When the battery demands full
current (fast charge), the source will provide only
400 mA and the input will be pulled down. The output
of the MIC79050 will follow the input minus a small
voltage drop. When the battery approaches full charge,
the current will taper off. As the current across RS
approaches 50 mA, the output of the differential
amplifier (MIC7300) will approach 1.225V, the
reference voltage set by the LM4041. When it drops
below the reference voltage, the output of the
comparator (MIC6270) will allow the base of Q1 to be
pulled high through R2.
VEOC
Open Circuit
Charger Voltage
Battery Current (IB)
Battery Voltage (VB)
Unregulated Input
Voltage(VB)
79050 Programmed
Output Voltage
(No LoadVoltage)
End of Charge (VEOC)
State A
Initial Charge
State B
Voltage Charge
State C
End of Charge
State D
Charge Top
State C
IN
BAT
FB
GND
EN
MIC79050-4.2YM
LM4041
CIM3-1.2
5V 5%@
400mA 5%
4.7μF
8.06M
47k
47k
1k
Q1
10k
R2
MIC6270
MIC7300
10k
1k
Li-Ion
Cell



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com