Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

MIC79050 Datasheet(PDF) 11 Page - Microchip Technology

Part # MIC79050
Description  Simple Lithium-Ion Battery Charger
PDF  28 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MICROCHIP [Microchip Technology]
Direct Link  http://www.microchip.com
Logo MICROCHIP - Microchip Technology

MIC79050 Datasheet(HTML) 11 Page - Microchip Technology

Back Button MIC79050 Datasheet HTML 7Page - Microchip Technology MIC79050 Datasheet HTML 8Page - Microchip Technology MIC79050 Datasheet HTML 9Page - Microchip Technology MIC79050 Datasheet HTML 10Page - Microchip Technology MIC79050 Datasheet HTML 11Page - Microchip Technology MIC79050 Datasheet HTML 12Page - Microchip Technology MIC79050 Datasheet HTML 13Page - Microchip Technology MIC79050 Datasheet HTML 14Page - Microchip Technology MIC79050 Datasheet HTML 15Page - Microchip Technology Next Button
Zoom Inzoom in Zoom Outzoom out
 11 / 28 page
background image
2017 - 2022 Microchip Technology Inc. and its subsidiaries.
DS20005771B-page 11
MIC79050
5.0
APPLICATIONS INFORMATION
5.1
Simple Lithium-Ion Battery
Charger
Figure 5-1 shows a simple, complete lithium-ion
battery charger. The charging circuit comprises of a
cheap wall adapter, with a load-line characteristic. This
characteristic is always present with cheap adapters
due to the internal impedance of the transformer
windings. The load-line of the unregulated output
should be less than 4.4V to 4.6V at somewhere
between 0.5C to 1C of the battery under charge. This
4.4 to 4.6V value is an approximate number based on
the headroom needed above 4.2V for the MIC79050 to
operate correctly. In other words, for a 500 mAh
battery, the output of the semi-regulated supply should
be between 225 mA to 500 mA (0.5C to 1C). If it is
below 225 mA no damage will occur but the battery will
take longer to charge. Figure 5-2 shows a typical wall
adapter characteristic with an output current of 350 mA
at 4.5V. This natural impedance of the wall adapter will
limit the maximum current into the battery, so no
external circuitry is needed to accomplish this.
If extra impedance is needed to achieve the desired
load-line, extra resistance can easily be added in series
with the MIC79050 IN pin.
FIGURE 5-1:
Load-Line Charger with End-of-Charge Termination Circuit.
FIGURE 5-2:
Load-Line Characteristics of
AC Wall Adapter.
5.2
The Charging Cycle
See Figure 5-3.
State A: Initial charge. Here the battery’s charging
current is limited by the wall adapter’s natural
impedance. The battery voltage approaches 4.2V.
State B: Constant voltage charge. Here the battery
voltage is at 4.2V ±0.75% and the current is decaying
in the battery. When the battery has reached
approximately 1/10th of its 1C rating, the battery is
considered to have reached full charge. Because of the
natural characteristic impedance of the cheap wall
adapters, as the battery current decreases so the input
voltage increases. The MIC6270 and the LM4041 are
configured as a simple voltage monitor, indicating when
the input voltage has reached such a level so the
current in the battery is low, indicating full charge.
State C: End of charge cycle. When the input voltage,
VS reaches VEOC, an end of charge signal is indicated.
State D: Top up charge. As soon as enough current is
drawn out of the input source, which pulls the voltage
lower than the VEOC, the end of charge flag will be
pulled low and charging will initiate.
Variations on this scheme can be implemented, such
as the circuit shown in Figure 5-4.
For those designs that have a zero impedance source,
see Figure 5-5.
LM4041
CIM3-1.2
IN
BAT
FB
GND
EN
MIC79050-4.2YM
VEOC = VREF (1+
)
Impedance
AC Load-line Wall Adapter
10k
4.7μF
1k
End of Charge
R2
R1
MIC6270
VS
VREF = 1.225V
R1
R2
0
2
4
6
8
0
0.2
0.4
0.6
0.8
SOURCE CURRENT (A)



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com