Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

MIC79050 Datasheet(PDF) 10 Page - Microchip Technology

Part # MIC79050
Description  Simple Lithium-Ion Battery Charger
PDF  28 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MICROCHIP [Microchip Technology]
Direct Link  http://www.microchip.com
Logo MICROCHIP - Microchip Technology

MIC79050 Datasheet(HTML) 10 Page - Microchip Technology

Back Button MIC79050 Datasheet HTML 6Page - Microchip Technology MIC79050 Datasheet HTML 7Page - Microchip Technology MIC79050 Datasheet HTML 8Page - Microchip Technology MIC79050 Datasheet HTML 9Page - Microchip Technology MIC79050 Datasheet HTML 10Page - Microchip Technology MIC79050 Datasheet HTML 11Page - Microchip Technology MIC79050 Datasheet HTML 12Page - Microchip Technology MIC79050 Datasheet HTML 13Page - Microchip Technology MIC79050 Datasheet HTML 14Page - Microchip Technology Next Button
Zoom Inzoom in Zoom Outzoom out
 10 / 28 page
background image
MIC79050
DS20005771B-page 10
2017 - 2022 Microchip Technology Inc. and its subsidiaries.
4.0
FUNCTIONAL DESCRIPTION
The MIC79050 is a high-accuracy, linear battery
charging
circuit
designed
for
the
simplest
implementation of a single lithium-ion (Li-ion) battery
charger. The part can operate from a regulated or
unregulated power source, making it ideal for various
applications. The MIC79050 can take an unregulated
voltage source and provide an extremely accurate
termination voltage. The output voltage varies only
0.75% from nominal over the standard temperature
range for Li-ion battery charging (–5°C to +60°C). With
a minimum of external components, an accurate
constant-current charger can be designed to provide
constant-current, constant-voltage charging for Li-ion
cells.
4.1
Input Voltage
The MIC79050 can operate with an input voltage up to
16V (20V absolute maximum), ideal for applications
where the input voltage can float high, such as an
unregulated wall adapter that obeys a load-line. Higher
voltages can be sustained without any performance
degradation to the output voltage. The line regulation of
the device is typically 0.009%/V; that is, a 10V change
on the input voltage corresponds to a 0.09% change in
output voltage.
4.2
Enable
The MIC79050 has an enable pin that allows the
charger to be disabled when the battery is fully charged
and the current drawn by the battery has approached a
minimum and/or the maximum charging time has timed
out. When disabled, the regulator output sinks a
minimum of current with the battery voltage applied
directly onto the output. This current is typically 12 μA
or less.
4.3
Feedback
The feedback pin allows for external manipulation of
the control loop. This node is connected to an external
resistive divider network, which is connected to the
internal error amplifier. This amplifier compares the
voltage at the feedback pin to an internal voltage
reference. The loop then corrects for changes in load
current or input voltage by monitoring the output
voltage and linearly controlling the drive to the large,
PNP pass element. By externally controlling the
voltage at the feedback pin the output can be disabled
or forced to the input voltage. Pulling and holding the
feedback pin low forces the output low. Holding the
feedback pin high forces the pass element into
saturation, where the output will be the input minus the
saturation (dropout) voltage.
4.4
Battery Output
The BAT pin is the output of the MIC79050 and
connects directly to the cell to provide charging current
and voltage. When the input is left floating or grounded,
the BAT pin limits reverse current to <12 μA to minimize
battery drain.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com