Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

MIC79050 Datasheet(PDF) 14 Page - Microchip Technology

Part # MIC79050
Description  Simple Lithium-Ion Battery Charger
PDF  28 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MICROCHIP [Microchip Technology]
Direct Link  http://www.microchip.com
Logo MICROCHIP - Microchip Technology

MIC79050 Datasheet(HTML) 14 Page - Microchip Technology

Back Button MIC79050 Datasheet HTML 10Page - Microchip Technology MIC79050 Datasheet HTML 11Page - Microchip Technology MIC79050 Datasheet HTML 12Page - Microchip Technology MIC79050 Datasheet HTML 13Page - Microchip Technology MIC79050 Datasheet HTML 14Page - Microchip Technology MIC79050 Datasheet HTML 15Page - Microchip Technology MIC79050 Datasheet HTML 16Page - Microchip Technology MIC79050 Datasheet HTML 17Page - Microchip Technology MIC79050 Datasheet HTML 18Page - Microchip Technology Next Button
Zoom Inzoom in Zoom Outzoom out
 14 / 28 page
background image
MIC79050
DS20005771B-page 14
2017 - 2022 Microchip Technology Inc. and its subsidiaries.
FIGURE 5-6:
Pulse Charging for Top-Off
Voltage.
5.7
Charging Rate
Lithium-ion cells are typically charged at rates that are
fractional multiples of their rated capacity. The
maximum varies between 1C and 1.3C (1× to 1.3× the
capacity of the cell). The MIC79050 can be used for
any cell size. The size of the cell and the current
capability of the input source will determine the overall
circuit charge rate. For example, a 1200 mAh battery
charged with the MIC79050 can be charged at a
maximum of 0.5C. There are no adverse effects to
charging at lower charge rates; that charging will just
take longer. Charging at rates greater than 1C are not
recommended, nor do they decrease the charge time
linearly.
The MIC79050 is capable of providing 500 mA of
current at its nominal rated output voltage of 4.2V. If the
input is brought below the nominal output voltage, the
output will follow the input, less the saturation voltage
drop of the pass element. If the cell draws more than
the maximum output current of the device, the output
will be pulled low, charging the cell at 600 mA to
700 mA current. If the input is a fixed source with a low
output impedance, this could lead to a large drop
across the MIC79050 and excess heating. By driving
the feedback pin with an external PWM circuit, the
MIC79050 can be used to pulse charge the battery to
reduce power dissipation and bring the device and the
entire unit down to a lower operating temperature.
Figure 5-7 and Figure 5-8 show typical configurations
for PWM-based pulse-charging topologies. Figure 5-7
uses an external PWM signal to control the charger,
while Figure 5-8 uses the MIC4417 as a low duty cycle
oscillator to drive the base of Q1. Consult the battery
manufacturer for optimal pulse-charging techniques.
FIGURE 5-7:
External PWM Circuit
Design.
FIGURE 5-8:
PWM-Based Pulse
Charging Using an MIC4417.
Figure 5-9 shows another application to increase the
output current capability of the MIC79050. By adding
an external PNP power transistor, higher output current
can be obtained while maintaining the same accuracy.
The internal PNP now becomes the driver of a
darlington array of PNP transistors, obtaining much
higher output currents for applications where the
charge rate of the battery is much higher.
FIGURE 5-9:
High-Current Charging.
5.8
Regulated Input Source Charging
When providing a constant-current, constant-voltage,
charger solution from a well-regulated adapter circuit,
the MIC79050 can be used with external components
to provide a constant voltage, constant-current charger
solution. Figure 5-10 shows a configuration for a
high-side battery charger circuit that monitors input
current to the battery and allows a constant current
charge that is accurately terminated with the
MIC79050. The circuit works best with smaller
batteries, charging at C rates in the 300 mA to 500 mA
range. The MIC7300 op-amp compares the drop
across a current sense resistor and compares that to a
high-side voltage reference, the LM4041, pulling the
feedback pin low when the circuit is in the
Li-Ion
Cell
IN
BAT
FB
GND
EN
MIC79050-4.2YMM
VDD OUT
GND
INP
R1
100k
4.7μF
R2
MIC834
VIN
GND
VREF=1.240V
VBAT(low) = VREF (1+
)
R1
R2
Li-Ion
Cell
4.7μF
IN
BAT
FB
GND
EN
MIC79050-4.2YMM
VIN
External PWM
Li-Ion
Cell
4.7μF
200pF
1k
40k
IN
BAT
FB
GND
EN
MIC79050-4.2YMM
VIN=4.5V to 16V
MIC4417
IN
BAT
4.7μF
FB
GND
EN
MIC79050-4.2YMM



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com