Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

DG412LE Datasheet(PDF) 6 Page - Vishay Siliconix

Part # DG412LE
Description  16 Ω, Low Parasitic Capacitance and Leakage, 12 V / 5 V / 3 V / ± 5 V Quad SPST Switches
PDF  17 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  VISHAY [Vishay Siliconix]
Direct Link  http://www.vishay.com
Logo VISHAY - Vishay Siliconix

DG412LE Datasheet(HTML) 6 Page - Vishay Siliconix

Back Button DG412LE Datasheet HTML 2Page - Vishay Siliconix DG412LE Datasheet HTML 3Page - Vishay Siliconix DG412LE Datasheet HTML 4Page - Vishay Siliconix DG412LE Datasheet HTML 5Page - Vishay Siliconix DG412LE Datasheet HTML 6Page - Vishay Siliconix DG412LE Datasheet HTML 7Page - Vishay Siliconix DG412LE Datasheet HTML 8Page - Vishay Siliconix DG412LE Datasheet HTML 9Page - Vishay Siliconix DG412LE Datasheet HTML 10Page - Vishay Siliconix Next Button
Zoom Inzoom in Zoom Outzoom out
 6 / 17 page
background image
DG411LE, DG412LE, DG413LE
www.vishay.com
Vishay Siliconix
S19-0672-Rev. B, 05-Aug-2019
6
Document Number: 78091
For technical questions, contact: analogswitchsupport@vishay.com
THIS DOCUMENT IS SUBJECT TO CHANGE WITHOUT NOTICE. THE PRODUCTS DESCRIBED HEREIN AND THIS DOCUMENT
ARE SUBJECT TO SPECIFIC DISCLAIMERS, SET FORTH AT www.vishay.com/doc?91000
Notes
a. Refer to PROCESS OPTION FLOWCHART
b. Room = 25 °C, full = as determined by the operating temperature suffix
c. Typical values are for DESIGN AID ONLY, not guaranteed nor subject to production testing
d. The algebraic convention whereby the most negative value is a minimum and the most positive a maximum, is used in this datasheet
e. Guaranteed by design, not subject to production test
f. VIN = input voltage to perform proper function
g. Leakage parameters are guaranteed by worst case test conditions and not subject to test
SPECIFICATIONS a (Single Supply 3 V)
PARAMETER
SYMBOL
TEST CONDITIONS
UNLESS OTHERWISE
SPECIFIED
V+ = 3 V, V- = 0 V
VL = 3 V, VIN = 0.4 V, 2.0 V f
TEMP. b
TYP. c
ASUFFIXLIMITS
-55 °C to +125
°C
D SUFFIX
LIMITS
-40 °C to +85 °C
UNIT
MIN. d
MAX. d
MIN. d
MAX. d
Analog Switch
Analog Signal Range e
VANALOG
Full
-
0
3
0
3
V
Drain-Source
On-Resistance
RDS(on)
V+ = 2.7 V, V- = 0 V,
IS = 5 mA, VD = 0.5, 2.2 V
Room
106
-
130
-
130
Full
-
-
150
-
140
Switch Off
Leakage Current g
IS(off)
V+ = 3.3, V- = 0 V,
VD = 1, 2 V, VS = 2, 1 V
Room
-
-1
1
-1
1
nA
Full
-
-15
15
-10
10
ID(off)
Room
-
-1
1
-1
1
Full
-
-15
15
-10
10
Channel On
Leakage Current g
ID(on)
V+ = 3.3 V, V- = 0 V,
VS = VD = 1, 2 V
Room
-
-1
1
-1
1
Full
-
-15
15
-10
10
Digital Control
Input Current, VIN Low
IIL
VIN under test = 0.4 V
Full
0.005
-1.5
1.5
-1
1
μA
Input Current, VIN High
IIH
VIN under test = 2.4 V
Full
0.005
-1.5
1.5
-1
1
Dynamic Characteristics
Turn-On Time
tON
RL = 300 , CL = 35 pF,
VS = 1.5 V, see figure 2
Room
57
-
85
-
85
ns
Full
-
-
150
-
110
Turn-Off Time
tOFF
Room
25
-
60
-
60
Full
-
-
100
-
85
Break-Before-Make Time
Delay
tD
DG413L only, VS = 1.5 V,
RL = 300 , CL = 35 pF
Room
24
-
---
Charge Injection e
QVg = 0 V, Rg = 0 , CL = 10 nF
Room
2
-
-
-
-
pC
Off Isolation e
OIRR
RL = 50 , CL = 5 pF, f = 1 MHz
Room
68
-
---
dB
Channel-to-Channel
Crosstalk e
XTALK
Room
107
-
-
-
-
Source Off Capacitance e
CS(off)
f = 1 MHz
Room
6
-
---
pF
Drain Off Capacitance e
CD(off)
Room
7
-
---
Channel On Capacitance e
CD(on)
Room
15
-
---



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com