Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

DG412LE Datasheet(PDF) 7 Page - Vishay Siliconix

Part # DG412LE
Description  16 Ω, Low Parasitic Capacitance and Leakage, 12 V / 5 V / 3 V / ± 5 V Quad SPST Switches
PDF  17 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  VISHAY [Vishay Siliconix]
Direct Link  http://www.vishay.com
Logo VISHAY - Vishay Siliconix

DG412LE Datasheet(HTML) 7 Page - Vishay Siliconix

Back Button DG412LE Datasheet HTML 3Page - Vishay Siliconix DG412LE Datasheet HTML 4Page - Vishay Siliconix DG412LE Datasheet HTML 5Page - Vishay Siliconix DG412LE Datasheet HTML 6Page - Vishay Siliconix DG412LE Datasheet HTML 7Page - Vishay Siliconix DG412LE Datasheet HTML 8Page - Vishay Siliconix DG412LE Datasheet HTML 9Page - Vishay Siliconix DG412LE Datasheet HTML 10Page - Vishay Siliconix DG412LE Datasheet HTML 11Page - Vishay Siliconix Next Button
Zoom Inzoom in Zoom Outzoom out
 7 / 17 page
background image
DG411LE, DG412LE, DG413LE
www.vishay.com
Vishay Siliconix
S19-0672-Rev. B, 05-Aug-2019
7
Document Number: 78091
For technical questions, contact: analogswitchsupport@vishay.com
THIS DOCUMENT IS SUBJECT TO CHANGE WITHOUT NOTICE. THE PRODUCTS DESCRIBED HEREIN AND THIS DOCUMENT
ARE SUBJECT TO SPECIFIC DISCLAIMERS, SET FORTH AT www.vishay.com/doc?91000
TYPICAL CHARACTERISTICS (25 °C, unless otherwise noted)
RDS(on) vs. Drain Voltage (Single Supply)
RDS(on) vs. Drain Voltage and Temperature
RDS(on) vs. Drain Voltage and Temperature
RDS(on) vs. Drain Voltage and Temperature (Single Supply)
Supply Current vs. Temperature
Switching Time vs. Single Supply
0
10
20
30
40
50
60
70
80
90
02468
10
12
14
16
V
D - Analog Voltage (V)
V+ = +3.0 V
V+ = +12.0 V
V+ = +5.0 V
V+ = +16.0 V
T
A = 25 °C
I
S = 10 mA
0
5
10
15
20
25
30
0123456789
10
11
12
V
D - Analog Voltage (V)
+125
°C
+85
°C
+25
°C
-40
°C
V+ = +12 V
I
S = 10 mA
-55
°C
10
15
20
25
30
35
40
45
50
0.0
0.5
1.0
1.5
2.0
2.5
3.0
3.5
4.0
4.5
5.0
V
D - Analog Voltage (V)
+125
°C
+85
°C
+25
°C
-40
°C
V+ = +5 V
I
S = 10 mA
-55
°C
6
8
10
12
14
16
18
20
22
24
-8
-6
-4
-2
02468
V
D - Analog Voltage (V)
V± = ± 8.0 V
T
A = 25 °C
I
S = 10 mA
V± = ± 5.0 V
0
5
10
15
20
25
30
35
-5
-4
-3
-2
-1
0
1
2
3
4
5
V
D - Analog Voltage (V)
+125
°C
+85
°C
+25
°C
-40
°C
V± = ± 5.0 V
I
S = 10 mA
-55
°C
0
10
20
30
40
50
60
70
80
90
100
-40
-20
0
20406080
100
120
Temperature (
°C)
V+ = +5.5 V
V- = 0 V
IN = 0 V



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com