Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

DG412LE Datasheet(PDF) 13 Page - Vishay Siliconix

Part # DG412LE
Description  16 Ω, Low Parasitic Capacitance and Leakage, 12 V / 5 V / 3 V / ± 5 V Quad SPST Switches
PDF  17 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  VISHAY [Vishay Siliconix]
Direct Link  http://www.vishay.com
Logo VISHAY - Vishay Siliconix

DG412LE Datasheet(HTML) 13 Page - Vishay Siliconix

Back Button DG412LE Datasheet HTML 9Page - Vishay Siliconix DG412LE Datasheet HTML 10Page - Vishay Siliconix DG412LE Datasheet HTML 11Page - Vishay Siliconix DG412LE Datasheet HTML 12Page - Vishay Siliconix DG412LE Datasheet HTML 13Page - Vishay Siliconix DG412LE Datasheet HTML 14Page - Vishay Siliconix DG412LE Datasheet HTML 15Page - Vishay Siliconix DG412LE Datasheet HTML 16Page - Vishay Siliconix DG412LE Datasheet HTML 17Page - Vishay Siliconix  
Zoom Inzoom in Zoom Outzoom out
 13 / 17 page
background image
E1
E
Q1
A
L
A1
e1
B
B1
S
C
eA
D
15
°
MAX
1
234567
8
16
15
14
13
12
11
10
9
Package Information
Vishay Siliconix
Document Number: 71261
06-Jul-01
www.vishay.com
1
PDIP: 16LEAD
MILLIMETERS
INCHES
Dim
Min
Max
Min
Max
A
3.81
5.08
0.150
0.200
A1
0.38
1.27
0.015
0.050
B
0.38
0.51
0.015
0.020
B1
0.89
1.65
0.035
0.065
C
0.20
0.30
0.008
0.012
D
18.93
21.33
0.745
0.840
E
7.62
8.26
0.300
0.325
E1
5.59
7.11
0.220
0.280
e1
2.29
2.79
0.090
0.110
eA
7.37
7.87
0.290
0.310
L
2.79
3.81
0.110
0.150
Q1
1.27
2.03
0.050
0.080
S
0.38
1.52
.015
0.060
ECN: S-03946—Rev. D, 09-Jul-01
DWG: 5482



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com