Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

DG412LE Datasheet(PDF) 10 Page - Vishay Siliconix

Part # DG412LE
Description  16 Ω, Low Parasitic Capacitance and Leakage, 12 V / 5 V / 3 V / ± 5 V Quad SPST Switches
PDF  17 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  VISHAY [Vishay Siliconix]
Direct Link  http://www.vishay.com
Logo VISHAY - Vishay Siliconix

DG412LE Datasheet(HTML) 10 Page - Vishay Siliconix

Back Button DG412LE Datasheet HTML 6Page - Vishay Siliconix DG412LE Datasheet HTML 7Page - Vishay Siliconix DG412LE Datasheet HTML 8Page - Vishay Siliconix DG412LE Datasheet HTML 9Page - Vishay Siliconix DG412LE Datasheet HTML 10Page - Vishay Siliconix DG412LE Datasheet HTML 11Page - Vishay Siliconix DG412LE Datasheet HTML 12Page - Vishay Siliconix DG412LE Datasheet HTML 13Page - Vishay Siliconix DG412LE Datasheet HTML 14Page - Vishay Siliconix Next Button
Zoom Inzoom in Zoom Outzoom out
 10 / 17 page
background image
DG411LE, DG412LE, DG413LE
www.vishay.com
Vishay Siliconix
S19-0672-Rev. B, 05-Aug-2019
10
Document Number: 78091
For technical questions, contact: analogswitchsupport@vishay.com
THIS DOCUMENT IS SUBJECT TO CHANGE WITHOUT NOTICE. THE PRODUCTS DESCRIBED HEREIN AND THIS DOCUMENT
ARE SUBJECT TO SPECIFIC DISCLAIMERS, SET FORTH AT www.vishay.com/doc?91000
TEST CIRCUITS
Fig. 2 - Switching Time
Fig. 3 - Break-Before-Make (DG413LE)
Fig. 4 - Charge Injection
0 V
Logic
Input
Switch
Input*
Switch
Output
3 V
50%
0 V
Switch
Input*
VS
tr < 20 ns
tf < 20 ns
90 %
- VS
tON
tON
VO
90 %
VO
Note:
Logic input waveform is inverted for switches that
have the opposite logic sense control
CL (includes fixture and stray capacitance)
V+
IN
RL
RL + rDS(on)
VO = VS
S
D
V-
VO
GND
VL
CL
35 pF
V-
RL
300
Ω
VL
V+
VS
0 V
Logic
Input
Switch
Switch
Output
3 V
50 %
0 V
Output
0 V
90 %
VO2
VO1
90 %
VS1
VS2
tD
tD
VO2
CL (includes fixture and stray capacitance)
V+
S2
V-
S1
VL
VS2
IN2
D2
VS1
RL2
300
Ω
D1
VO1
CL2
35 pF
GND
RL1
300
Ω
CL1
35 pF
IN1
V-
CL
10 nF
D
Rg
VO
V+
S
V-
3 V
IN
VL
Vg
GND
OFF
ON
OFF
OFF
ON
OFF
VO
ΔVO
INX
INX
Q =
ΔVO x CL
INX dependent on switch configuration Input polarity determined
by sense of switch.
V-
V+
VL



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com