Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

DG412LE Datasheet(PDF) 14 Page - Vishay Siliconix

Part # DG412LE
Description  16 Ω, Low Parasitic Capacitance and Leakage, 12 V / 5 V / 3 V / ± 5 V Quad SPST Switches
PDF  17 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  VISHAY [Vishay Siliconix]
Direct Link  http://www.vishay.com
Logo VISHAY - Vishay Siliconix

DG412LE Datasheet(HTML) 14 Page - Vishay Siliconix

Back Button DG412LE Datasheet HTML 9Page - Vishay Siliconix DG412LE Datasheet HTML 10Page - Vishay Siliconix DG412LE Datasheet HTML 11Page - Vishay Siliconix DG412LE Datasheet HTML 12Page - Vishay Siliconix DG412LE Datasheet HTML 13Page - Vishay Siliconix DG412LE Datasheet HTML 14Page - Vishay Siliconix DG412LE Datasheet HTML 15Page - Vishay Siliconix DG412LE Datasheet HTML 16Page - Vishay Siliconix DG412LE Datasheet HTML 17Page - Vishay Siliconix  
Zoom Inzoom in Zoom Outzoom out
 14 / 17 page
background image
Vishay Siliconix
Package Information
Document Number: 74417
23-Oct-06
www.vishay.com
1
Symbols
DIMENSIONS IN MILLIMETERS
Min
Nom
Max
A
-
1.10
1.20
A1
0.05
0.10
0.15
A2
-
1.00
1.05
B
0.22
0.28
0.38
C
-
0.127
-
D
4.90
5.00
5.10
E
6.10
6.40
6.70
E1
4.30
4.40
4.50
e-
0.65
-
L
0.50
0.60
0.70
L1
0.90
1.00
1.10
y-
-
0.10
θ10°
3°
6°
ECN: S-61920-Rev. D, 23-Oct-06
DWG: 5624
TSSOP: 16-LEAD



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com