Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

DG412LE Datasheet(PDF) 1 Page - Vishay Siliconix

Part # DG412LE
Description  16 Ω, Low Parasitic Capacitance and Leakage, 12 V / 5 V / 3 V / ± 5 V Quad SPST Switches
PDF  17 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  VISHAY [Vishay Siliconix]
Direct Link  http://www.vishay.com
Logo VISHAY - Vishay Siliconix

DG412LE Datasheet(HTML) 1 Page - Vishay Siliconix

  DG412LE Datasheet HTML 1Page - Vishay Siliconix DG412LE Datasheet HTML 2Page - Vishay Siliconix DG412LE Datasheet HTML 3Page - Vishay Siliconix DG412LE Datasheet HTML 4Page - Vishay Siliconix DG412LE Datasheet HTML 5Page - Vishay Siliconix DG412LE Datasheet HTML 6Page - Vishay Siliconix DG412LE Datasheet HTML 7Page - Vishay Siliconix DG412LE Datasheet HTML 8Page - Vishay Siliconix DG412LE Datasheet HTML 9Page - Vishay Siliconix Next Button
Zoom Inzoom in Zoom Outzoom out
 1 / 17 page
background image
DG411LE, DG412LE, DG413LE
www.vishay.com
Vishay Siliconix
S19-0672-Rev. B, 05-Aug-2019
1
Document Number: 78091
For technical questions, contact: analogswitchsupport@vishay.com
THIS DOCUMENT IS SUBJECT TO CHANGE WITHOUT NOTICE. THE PRODUCTS DESCRIBED HEREIN AND THIS DOCUMENT
ARE SUBJECT TO SPECIFIC DISCLAIMERS, SET FORTH AT www.vishay.com/doc?91000
16
, Low Parasitic Capacitance and Leakage,
+12 V / +5 V / +3 V / ± 5 V Quad SPST Switches
DESCRIPTION
The DG411LE, DG412LE, and DG413LE are monolithic
quad
single-pole-single-throw
analog
switches.
The
DG411LE and DG412LE differ only in that they respond to
opposite logic levels. The DG413LE has two normally open
and two normally closed switches. It can be given various
configurations, including four SPST, two SPDT, and one
DPDT.
The DG411LE, DG412LE, and DG413LE offer low on
resistance of 16
, low parasitic capacitance of 15 pF
switch on capacitance, and low charge injection over the
signal swing range.
The DG411LE, DG412LE, and DG413LE operate on single
and dual supplies. Single supply voltage ranges from 3 V
to 16 V while dual supply operation is recommended with
± 3 V to ± 8 V. Each switch conducts equally well in both
direction when on, and blocks input voltages up to the
supply levels when off.
The DG411LE, DG412LE, and DG413LE are available in
16 lead TSSOP, SOIC, and PDIP packages.
FEATURES
• 3 V to 16 V single supply or ± 3 V to ± 8 V dual
supply
• On-resistance RDS(on): 16 
• Low parasitic capacitance:
CD(ON): 15 pF
CS(OFF): 5 pF
• Less than 8 pC charge injection over the full signal swing
range
• Fast switching tON: 16 ns
tOFF: 9 ns
• TTL, CMOS compatible
• Material categorization: for definitions of compliance
please see www.vishay.com/doc?99912
Note
* This datasheet provides information about parts that are
RoHS-compliant and / or parts that are non RoHS-compliant. For
example, parts with lead (Pb) terminations are not RoHS-compliant.
Please see the information / tables in this datasheet for details
BENEFITS
• Wide operation voltage range
• Low signal errors and distortion
•Fast switching time
• Minimized switching glitch
APPLICATIONS
• Automatic test equipment
• Data acquisition systems
• Meters and instruments
• Medical and healthcare systems
• Communication systems
• Audio and video signal routing
• Relay replacement
• Battery powered systems
• Computer peripherals
• Audio and video signal routing
FUNCTIONAL BLOCK DIAGRAM AND PIN CONFIGURATION
Available
Available
1
2
3
4
5
6
7
8
16
15
14
13
12
11
10
9
Top View
IN1
IN2
D1
D2
S1
S2
V-
V+
GND
VL
S4
S3
D4
D3
IN4
IN3
DG411LE, DG412LE
Dual-In-Line, TSSOP and SOIC
1
2
3
4
5
6
7
8
16
15
14
13
12
11
10
9
Top View
IN1
IN2
D1
D2
S1
S2
V-
V+
GND
VL
S4
S3
D4
D3
IN4
IN3
DG413LE
Dual-In-Line, TSSOP and SOIC


Similar Part No. - DG412LE

ManufacturerPart #DatasheetDescription
logo
Vishay Siliconix
DG412LE VISHAY-DG412LE Datasheet
326Kb / 17P
Low Parasitic Capacitance and Leakage, Quad SPST Switches
07-Mar-16
DG412LEDJ-GE3 VISHAY-DG412LEDJ-GE3 Datasheet
326Kb / 17P
Low Parasitic Capacitance and Leakage, Quad SPST Switches
07-Mar-16
DG412LEDQ-GE3 VISHAY-DG412LEDQ-GE3 Datasheet
326Kb / 17P
Low Parasitic Capacitance and Leakage, Quad SPST Switches
07-Mar-16
DG412LEDQ-T1-GE3 VISHAY-DG412LEDQ-T1-GE3 Datasheet
326Kb / 17P
Low Parasitic Capacitance and Leakage, Quad SPST Switches
07-Mar-16
DG412LEDY-GE3 VISHAY-DG412LEDY-GE3 Datasheet
326Kb / 17P
Low Parasitic Capacitance and Leakage, Quad SPST Switches
07-Mar-16
More results

Similar Description - DG412LE

ManufacturerPart #DatasheetDescription
logo
Analog Devices
ADG512BRZ AD-ADG512BRZ Datasheet
144Kb / 12P
LCMOS Precision 5 V/3 V Quad SPST Switches
REV. C
ADG511 AD-ADG511_15 Datasheet
144Kb / 12P
Precision 5 V/3 V Quad SPST Switches
REV. C
ADG512 AD-ADG512_15 Datasheet
144Kb / 12P
Precision 5 V/3 V Quad SPST Switches
REV. C
ADG513 AD-ADG513_15 Datasheet
144Kb / 12P
Precision 5 V/3 V Quad SPST Switches
REV. C
logo
Vishay Siliconix
DG411LE VISHAY-DG411LE Datasheet
326Kb / 17P
Low Parasitic Capacitance and Leakage, Quad SPST Switches
07-Mar-16
DG9424E VISHAY-DG9424E Datasheet
262Kb / 13P
On Resistance, 5 V, 12 V, and 3 V Quad SPST Switches
29-Feb-16
DG9422E VISHAY-DG9422E Datasheet
249Kb / 11P
1.7 Ω, Low On Resistance, 12 V, 5 V, 3 V, ± 5 V, SPST Switches
25-Jun-2018
DG9426E VISHAY-DG9426E_V01 Datasheet
302Kb / 14P
1.6 Ω On Resistance, ± 5 V, 12 V, and 3 V Quad SPST Switches
22-Jun-2020
DG441LE VISHAY-DG441LE_V01 Datasheet
332Kb / 18P
16 Ω, Low Charge Injection and Leakage, 12 V / 5 V / 3 V / ± 5 V Quad SPST Switches
07-Mar-16
logo
Analog Devices
ADG2412 AD-ADG2412 Datasheet
1,021Kb / 21P
0.5 Ω RON, ±15 V, 12 V, ±5 V, 5 V/–12 V, Quad SPST Switch
Rev. 0
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com