Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

MPC5607BAMLL4R Datasheet(PDF) 47 Page - NXP Semiconductors

Part # MPC5607BAMLL4R
Description  MPC5607B Microcontroller Data Sheet
PDF  114 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  NXP [NXP Semiconductors]
Direct Link  http://www.nxp.com
Logo NXP - NXP Semiconductors

MPC5607BAMLL4R Datasheet(HTML) 47 Page - NXP Semiconductors

Back Button MPC5607BAMLL4R Datasheet HTML 43Page - NXP Semiconductors MPC5607BAMLL4R Datasheet HTML 44Page - NXP Semiconductors MPC5607BAMLL4R Datasheet HTML 45Page - NXP Semiconductors MPC5607BAMLL4R Datasheet HTML 46Page - NXP Semiconductors MPC5607BAMLL4R Datasheet HTML 47Page - NXP Semiconductors MPC5607BAMLL4R Datasheet HTML 48Page - NXP Semiconductors MPC5607BAMLL4R Datasheet HTML 49Page - NXP Semiconductors MPC5607BAMLL4R Datasheet HTML 50Page - NXP Semiconductors MPC5607BAMLL4R Datasheet HTML 51Page - NXP Semiconductors Next Button
Zoom Inzoom in Zoom Outzoom out
 47 / 114 page
background image
Electrical characteristics
MPC5607B Microcontroller Data Sheet, Rev. 10
NXP Semiconductors
47
4.6.5
I/O pad current specification
The I/O pads are distributed across the I/O supply segment. Each I/O supply segment is associated to a
VDD/VSS supply pair as described in Table 21.
Table 22 provides I/O consumption figures.
In order to ensure device reliability, the average current of the I/O on a single segment should remain below
the IAVGSEG maximum value.
ttr
CC D Output transition time output pin2
MEDIUM configuration
CL = 25 pF
VDD = 5.0 V ± 10%,
PAD3V5V = 0
SIUL.PCRx.SRC = 1
—
—
10
ns
TCL = 50 pF
—
—
20
DCL = 100 pF
—
—
40
DCL = 25 pF
VDD = 3.3 V ± 10%,
PAD3V5V = 1
SIUL.PCRx.SRC = 1
——
12
TCL = 50 pF
—
—
25
DCL = 100 pF
—
—
40
ttr
CC D Output transition time output pin2
FAST configuration
CL = 25 pF
VDD = 5.0 V ± 10%,
PAD3V5V = 0
——
4
ns
CL = 50 pF
—
—
6
CL = 100 pF
—
—
12
CL = 25 pF
VDD = 3.3 V ± 10%,
PAD3V5V = 1
——
4
CL = 50 pF
—
—
7
CL = 100 pF
—
—
12
1 V
DD = 3.3 V ± 10% / 5.0 V ± 10%, TA = −40 to 125 °C, unless otherwise specified
2 C
L includes device and package capacitances (CPKG < 5 pF).
Table 21. I/O supply segments
Package
Supply segment
12345
678
208
MAPBGA1
1 208 MAPBGA available only as development package for Nexus2+
Equivalent to 176 LQFP segment pad distribution
MCKO
MDOn
/MSEO
176 LQFP
pin7 –
pin27
pin28 –
pin57
pin59 –
pin85
pin86 –
pin123
pin124 –
pin150
pin151 –
pin6
—
—
144 LQFP
pin20 –
pin49
pin51 –
pin99
pin100 –
pin122
pin 123 –
pin19
—
—
—
—
100 LQFP
pin16 –
pin35
pin37 –
pin69
pin70 –
pin83
pin84 –
pin15
—
—
—
—
Table 20. Output pin transition times (continued)
Symbol
C
Parameter
Conditions1
Value
Unit
Min Typ Max



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com