Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

MPC5607BAMLL4R Datasheet(PDF) 1 Page - NXP Semiconductors

Part # MPC5607BAMLL4R
Description  MPC5607B Microcontroller Data Sheet
PDF  114 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  NXP [NXP Semiconductors]
Direct Link  http://www.nxp.com
Logo NXP - NXP Semiconductors

MPC5607BAMLL4R Datasheet(HTML) 1 Page - NXP Semiconductors

  MPC5607BAMLL4R Datasheet HTML 1Page - NXP Semiconductors MPC5607BAMLL4R Datasheet HTML 2Page - NXP Semiconductors MPC5607BAMLL4R Datasheet HTML 3Page - NXP Semiconductors MPC5607BAMLL4R Datasheet HTML 4Page - NXP Semiconductors MPC5607BAMLL4R Datasheet HTML 5Page - NXP Semiconductors MPC5607BAMLL4R Datasheet HTML 6Page - NXP Semiconductors MPC5607BAMLL4R Datasheet HTML 7Page - NXP Semiconductors MPC5607BAMLL4R Datasheet HTML 8Page - NXP Semiconductors MPC5607BAMLL4R Datasheet HTML 9Page - NXP Semiconductors Next Button
Zoom Inzoom in Zoom Outzoom out
 1 / 114 page
background image
NXP Semiconductors
Data Sheet: Technical Data
Document Number: MPC5607B
Rev. 10, 10/2021
MPC5607B
144 LQFP (20 mm x 20 mm)
100 LQFP (14 mm x 14mm)
208 MAPBGA (17 mm x 17 mm)
LQFP176 (24 mm x 24 mm)
NXP reserves the right to change the production detail specifications as may be
required to permit improvements in the design of its products.
Features
•
Single issue, 32-bit CPU core complex (e200z0h)
— Compliant with the Power Architecture® technology
embedded category
— Enhanced instruction set allowing variable length
encoding (VLE) for code size footprint reduction.
With the optional encoding of mixed 16-bit and
32-bit instructions, it is possible to achieve
significant code size footprint reduction.
•
Up to 1.5 MB on-chip code flash memory supported with
the flash memory controller
•
64 (4 × 16) KB on-chip data flash memory with ECC
•
Up to 96 KB on-chip SRAM
•
Memory protection unit (MPU) with 8 region descriptors
and 32-byte region granularity on certain family members
(Refer to Table 1 for details.)
•
Interrupt controller (INTC) capable of handling 204
selectable-priority interrupt sources
•
Frequency modulated phase-locked loop (FMPLL)
•
Crossbar switch architecture for concurrent access to
peripherals, Flash, or RAM from multiple bus masters
•
16-channel eDMA controller with multiple transfer
request sources using DMA multiplexer
•
Boot assist module (BAM) supports internal Flash
programming via a serial link (CAN or SCI)
•
Timer supports I/O channels providing a range of 16-bit
input capture, output compare, and pulse width
modulation functions (eMIOS)
•
2 analog-to-digital converters (ADC): one 10-bit and one
12-bit
•
Cross Trigger Unit to enable synchronization of ADC
conversions with a timer event from the eMIOS or PIT
•
Up to 6 serial peripheral interface (DSPI) modules
•
Up to 10 serial communication interface (LINFlex)
modules
•
Up to 6 enhanced full CAN (FlexCAN) modules with
configurable buffers
•
1 inter-integrated circuit (I2C) interface module
•
Up to 149 configurable general purpose pins supporting
input and output operations (package dependent)
•
Real-Time Counter (RTC)
•
Clock source from internal 128 kHz or 16 MHz oscillator
supporting autonomous wakeup with 1 ms resolution with
maximum timeout of 2 seconds
•
Optional support for RTC with clock source from external
32 kHz crystal oscillator, supporting wakeup with 1 sec
resolution and maximum timeout of 1 hour
•
Up to 8 periodic interrupt timers (PIT) with 32-bit counter
resolution
•
Nexus development interface (NDI) per IEEE-ISTO
5001-2003 Class Two Plus
•
Device/board boundary scan testing supported per Joint
Test Action Group (JTAG) of IEEE (IEEE 1149.1)
•
On-chip voltage regulator (VREG) for regulation of
input supply for all internal levels
MPC5607B Microcontroller
Data Sheet


Similar Part No. - MPC5607BAMLL4R

ManufacturerPart #DatasheetDescription
logo
Freescale Semiconductor...
MPC5607B FREESCALE-MPC5607B Datasheet
1Mb / 92P
Microcontroller
MPC5607B FREESCALE-MPC5607B Datasheet
779Kb / 110P
MPC5607B Microcontroller
MPC5607B FREESCALE-MPC5607B Datasheet
914Kb / 110P
MicrocontrollerData Sheet
MPC5607B FREESCALE-MPC5607B Datasheet
243Kb / 2P
Qorivva MPC560xB/C/D Family
MPC5607B FREESCALE-MPC5607B Datasheet
243Kb / 2P
Qorivva MPC560xBCD Family
More results

Similar Description - MPC5607BAMLL4R

ManufacturerPart #DatasheetDescription
logo
Freescale Semiconductor...
MCF52223 FREESCALE-MCF52223 Datasheet
834Kb / 56P
Microcontroller Data Sheet
MPC5553 FREESCALE-MPC5553_07 Datasheet
2Mb / 66P
Microcontroller Data Sheet
MPC5533 FREESCALE-MPC5533 Datasheet
1Mb / 50P
Microcontroller Data Sheet
SPC5607BF1MLU6 FREESCALE-SPC5607BF1MLU6 Datasheet
779Kb / 110P
Microcontroller Data Sheet
PPC5605BCLQ64 FREESCALE-PPC5605BCLQ64 Datasheet
779Kb / 110P
MPC5607B Microcontroller
SPC5668EK0MMGR FREESCALE-SPC5668EK0MMGR Datasheet
575Kb / 66P
MPC5668x Microcontroller Data Sheet
PPC5604EEMLH FREESCALE-PPC5604EEMLH Datasheet
994Kb / 75P
MPC5604E Microcontroller Data Sheet
SPC5606BF1MLQ6 FREESCALE-SPC5606BF1MLQ6 Datasheet
860Kb / 112P
MPC5607B Microcontroller
logo
NXP Semiconductors
MPC5561 NXP-MPC5561 Datasheet
1Mb / 58P
Microcontroller Data Sheet
Rev. 3, June 2012
MPC5674F NXP-MPC5674F Datasheet
2Mb / 132P
MPC5674F Microcontroller Data Sheet
Rev. 11, 10/2021
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com