Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

MPC5607BAMLL4R Datasheet(PDF) 89 Page - NXP Semiconductors

Part # MPC5607BAMLL4R
Description  MPC5607B Microcontroller Data Sheet
PDF  114 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  NXP [NXP Semiconductors]
Direct Link  http://www.nxp.com
Logo NXP - NXP Semiconductors

MPC5607BAMLL4R Datasheet(HTML) 89 Page - NXP Semiconductors

Back Button MPC5607BAMLL4R Datasheet HTML 85Page - NXP Semiconductors MPC5607BAMLL4R Datasheet HTML 86Page - NXP Semiconductors MPC5607BAMLL4R Datasheet HTML 87Page - NXP Semiconductors MPC5607BAMLL4R Datasheet HTML 88Page - NXP Semiconductors MPC5607BAMLL4R Datasheet HTML 89Page - NXP Semiconductors MPC5607BAMLL4R Datasheet HTML 90Page - NXP Semiconductors MPC5607BAMLL4R Datasheet HTML 91Page - NXP Semiconductors MPC5607BAMLL4R Datasheet HTML 92Page - NXP Semiconductors MPC5607BAMLL4R Datasheet HTML 93Page - NXP Semiconductors Next Button
Zoom Inzoom in Zoom Outzoom out
 89 / 114 page
background image
10
tHI
SR D Data hold time for inputs
Master mode
0
—
—
0
—
—
ns
Slave mode
26
——
26
——
11
tSUO
7
CC D Data valid after SCK edge Master mode
—
—
32
—
—
50
ns
Slave mode
—
—
52
—
—
160
12
tHO
7
CC D Data hold time for outputs
Master mode
0
—
—
0
—
—
ns
Slave mode
8
—
—
13
—
—
1 Operating conditions: C
L = 10 to 50 pF, SlewIN = 3.5 to 15 ns
2 Maximum value is reached when CSn pad is configured as SLOW pad while SCK pad is configured as MEDIUM. A positive value means that SCK
starts before CSn is asserted. DSPI2 has only SLOW SCK available.
3 Maximum value is reached when CSn pad is configured as MEDIUM pad while SCK pad is configured as SLOW. A positive value means that CSn is
deasserted before SCK. DSPI0 and DSPI1 have only MEDIUM SCK available.
4 The t
CSC delay value is configurable through a register. When configuring tCSC (using PCSSCK and CSSCK fields in DSPI_CTARx registers), delay
between internal CS and internal SCK must be higher than
ΔtCSC to ensure positive tCSCext.
5 The t
ASC delay value is configurable through a register. When configuring tASC (using PASC and ASC fields in DSPI_CTARx registers), delay between
internal CS and internal SCK must be higher than
ΔtASC to ensure positive tASCext.
6 This delay value corresponds to SMPL_PT = 00b which is bit field 9 and 8 of DSPI_MCR register.
7 SCK and SOUT are configured as MEDIUM pad.
Table 47. DSPI characteristics1 (continued)
No.
Symbol
C
Parameter
DSPI0/DSPI1/DSPI3/DSPI5
DSPI2/DSPI4
Unit
Min
Typ
Max
Min
Typ
Max



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com