Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

MPC5607BAMLL4R Datasheet(PDF) 5 Page - NXP Semiconductors

Part # MPC5607BAMLL4R
Description  MPC5607B Microcontroller Data Sheet
PDF  114 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  NXP [NXP Semiconductors]
Direct Link  http://www.nxp.com
Logo NXP - NXP Semiconductors

MPC5607BAMLL4R Datasheet(HTML) 5 Page - NXP Semiconductors

  MPC5607BAMLL4R Datasheet HTML 1Page - NXP Semiconductors MPC5607BAMLL4R Datasheet HTML 2Page - NXP Semiconductors MPC5607BAMLL4R Datasheet HTML 3Page - NXP Semiconductors MPC5607BAMLL4R Datasheet HTML 4Page - NXP Semiconductors MPC5607BAMLL4R Datasheet HTML 5Page - NXP Semiconductors MPC5607BAMLL4R Datasheet HTML 6Page - NXP Semiconductors MPC5607BAMLL4R Datasheet HTML 7Page - NXP Semiconductors MPC5607BAMLL4R Datasheet HTML 8Page - NXP Semiconductors MPC5607BAMLL4R Datasheet HTML 9Page - NXP Semiconductors Next Button
Zoom Inzoom in Zoom Outzoom out
 5 / 114 page
background image
Block diagram
MPC5607B Microcontroller Data Sheet, Rev. 10
NXP Semiconductors
5
Figure 1. MPC5607B block diagram
Table 2 summarizes the functions of the blocks present on the MPC5607B.
6
×
DSPI
FMPLL
Nexus 2+
Nexus
SRAM
SIUL
Reset Control
96 KB
External
IMUX
GPIO &
JTAG
Pad Control
JTAG Port
Nexus Port
e200z0h
Interrupt requests
6
×
FlexCAN
Peripheral Bridge
Interrupt
Request
Interrupt
Request
I/O
Clocks
Instructions
Data
Voltage
Regulator
NMI
SWT
PIT
STM
NMI
SIUL
. . .
INTC
I2C
. . .
10
×
LINFlex
64 ch
29 ch 10-bit
CMU
SRAM
Flash
Code Flash
1.5 MB
Data Flash
64 KB
MC_PCU
MC_ME
MC_CGM
MC_RGM
BAM
CTU
RTC
SSCM
(Master)
(Master)
(Slave)
(Slave)
(Slave)
Controller
Controller
Legend:
ADC
Analog-to-Digital Converter
BAM
Boot Assist Module
CMU
Clock Monitor Unit
CTU
Cross Triggering Unit
DSPI
Deserial Serial Peripheral Interface
ECSM
Error Correction Status Module
eDMA
Enhanced Direct Memory Access
eMIOS
Enhanced Modular Input Output System
Flash
Flash memory
FlexCAN
Controller Area Network
FMPLL
Frequency-Modulated Phase-Locked Loop
GPIO
General-purpose input/output
I2C
Inter-Integrated Circuit bus
IMUX
Internal Multiplexer
INTC
Interrupt Controller
JTAG
JTAG controller
LINFlex
Serial Communication Interface (LIN support)
MC_CGM Clock Generation Module
MC_ME
Mode Entry Module
MC_PCU
Power Control Unit
MC_RGM Reset Generation Module
MPU
Memory Protection Unit
NMI
Non-Maskable Interrupt
PIT
Periodic Interrupt Timer
RTC
Real-Time Clock
SIUL
System Integration Unit Lite
SRAM
Static Random-Access Memory
SSCM
System Status Configuration Module
STM
System Timer Module
SWT
Software Watchdog Timer
VREG
Voltage regulator
WKPU
Wakeup Unit
XBAR
Crossbar switch
MPU
ECSM
from peripheral
Registers
blocks
ADC
eMIOS
19 ch 10-bit/12-bit
ADC
(Master)
. . .
. . .
. . .
WKPU
5 ch 12-bit
ADC
eDMA
Interrupt
request with
wakeup
functionality



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com