Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

MPC5607BAMLL4R Datasheet(PDF) 79 Page - NXP Semiconductors

Part # MPC5607BAMLL4R
Description  MPC5607B Microcontroller Data Sheet
PDF  114 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  NXP [NXP Semiconductors]
Direct Link  http://www.nxp.com
Logo NXP - NXP Semiconductors

MPC5607BAMLL4R Datasheet(HTML) 79 Page - NXP Semiconductors

Back Button MPC5607BAMLL4R Datasheet HTML 75Page - NXP Semiconductors MPC5607BAMLL4R Datasheet HTML 76Page - NXP Semiconductors MPC5607BAMLL4R Datasheet HTML 77Page - NXP Semiconductors MPC5607BAMLL4R Datasheet HTML 78Page - NXP Semiconductors MPC5607BAMLL4R Datasheet HTML 79Page - NXP Semiconductors MPC5607BAMLL4R Datasheet HTML 80Page - NXP Semiconductors MPC5607BAMLL4R Datasheet HTML 81Page - NXP Semiconductors MPC5607BAMLL4R Datasheet HTML 82Page - NXP Semiconductors MPC5607BAMLL4R Datasheet HTML 83Page - NXP Semiconductors Next Button
Zoom Inzoom in Zoom Outzoom out
 79 / 114 page
background image
Electrical characteristics
MPC5607B Microcontroller Data Sheet, Rev. 10
NXP Semiconductors
79
In particular two different transient periods can be distinguished:
1. A first and quick charge transfer from the internal capacitance CP1 and CP2 to the sampling
capacitance CS occurs (CS is supposed initially completely discharged): considering a worst case
(since the time constant in reality would be faster) in which CP2 is reported in parallel to CP1 (call
CP = CP1 + CP2), the two capacitances CP and CS are in series, and the time constant is
Eqn. 5
Equation 5 can again be simplified considering only CS as an additional worst condition. In reality,
the transient is faster, but the A/D converter circuitry has been designed to be robust also in the
very worst case: the sampling time tS is always much longer than the internal time constant:
Eqn. 6
The charge of CP1 and CP2 is redistributed also on CS, determining a new value of the voltage VA1
on the capacitance according to Equation 7:
Eqn. 7
2. A second charge transfer involves also CF (that is typically bigger than the on-chip capacitance)
through the resistance RL: again considering the worst case in which CP2 and CS were in parallel
to CP1 (since the time constant in reality would be faster), the time constant is:
Eqn. 8
In this case, the time constant depends on the external circuit: in particular imposing that the
transient is completed well before the end of sampling time ts, a constraints on RL sizing is
obtained:
ADC_0 (10-bit)
Eqn. 9
ADC_1 (12-bit)
Eqn. 10
Of course, RL shall be sized also according to the current limitation constraints, in combination
with RS (source impedance) and RF (filter resistance). Being CF definitively bigger than CP1, CP2
and CS, then the final voltage VA2 (at the end of the charge transfer transient) will be much higher
than VA1. Equation 11 must be respected (charge balance assuming now CS already charged at
VA1):
τ1 RSW RAD
+
()
=
CP CS
•
CP CS
+
---------------------
•
τ1 RSW RAD
+
()
<
CS ts
«
•
VA1 CS CP1 CP2
++
()
•
VA CP1 CP2
+
()
•
=
τ2 RL
<
CS CP1 CP2
++
()
•
8.5
τ2
•
8.5
RL CS CP1 CP2
++
()
•
•
=
ts
<
10
τ2
•
10 RL CS CP1 CP2
++
()
•
•
=
ts
<



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com