Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

MPC5607BAMLL4R Datasheet(PDF) 60 Page - NXP Semiconductors

Part # MPC5607BAMLL4R
Description  MPC5607B Microcontroller Data Sheet
PDF  114 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  NXP [NXP Semiconductors]
Direct Link  http://www.nxp.com
Logo NXP - NXP Semiconductors

MPC5607BAMLL4R Datasheet(HTML) 60 Page - NXP Semiconductors

Back Button MPC5607BAMLL4R Datasheet HTML 56Page - NXP Semiconductors MPC5607BAMLL4R Datasheet HTML 57Page - NXP Semiconductors MPC5607BAMLL4R Datasheet HTML 58Page - NXP Semiconductors MPC5607BAMLL4R Datasheet HTML 59Page - NXP Semiconductors MPC5607BAMLL4R Datasheet HTML 60Page - NXP Semiconductors MPC5607BAMLL4R Datasheet HTML 61Page - NXP Semiconductors MPC5607BAMLL4R Datasheet HTML 62Page - NXP Semiconductors MPC5607BAMLL4R Datasheet HTML 63Page - NXP Semiconductors MPC5607BAMLL4R Datasheet HTML 64Page - NXP Semiconductors Next Button
Zoom Inzoom in Zoom Outzoom out
 60 / 114 page
background image
MPC5607B Microcontroller Data Sheet, Rev. 10
Electrical characteristics
NXP Semiconductors
60
•
POR monitors VDD during the power-up phase to ensure device is maintained in a safe reset state
(refer to RGM Destructive Event Status (RGM_DES) Register flag F_POR in device reference
manual)
•
LVDHV3 monitors VDD to ensure device reset below minimum functional supply (refer to RGM
Destructive Event Status (RGM_DES) Register flag F_LVD27 in device reference manual)
•
LVDHV3B monitors VDD_BV to ensure device reset below minimum functional supply (refer to
RGM Destructive Event Status (RGM_DES) Register flag F_LVD27_VREG in device reference
manual)
•
LVDHV5 monitors VDD when application uses device in the 5.0 V ± 10% range (refer to RGM
Functional Event Status (RGM_FES) Register flag F_LVD45 in device reference manual)
•
LVDLVCOR monitors power domain No. 1 (refer to RGM Destructive Event Status (RGM_DES)
Register flag F_LVD12_PD1 in device reference manual)
•
LVDLVBKP monitors power domain No. 0 (refer to RGM Destructive Event Status (RGM_DES)
Register flag F_LVD12_PD0 in device reference manual)
NOTE
When enabled, power domain No. 2 is monitored through LVDLVBKP.
Figure 10. Low voltage detector vs reset
VDD
VLVDHVxH
RESET
VLVDHVxL



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com