Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

SMS45 Datasheet(PDF) 5 Page - Summit Microelectronics, Inc.

Part # SMS45
Description  Quad Programmable Precision Cascade Sequencer and Supervisory Controller with 4k-Bit Nonvolatile Memory
PDF  20 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  SUMMIT [Summit Microelectronics, Inc.]
Direct Link  http://www.summitmicro.com
Logo SUMMIT - Summit Microelectronics, Inc.

SMS45 Datasheet(HTML) 5 Page - Summit Microelectronics, Inc.

  SMS45 Datasheet HTML 1Page - Summit Microelectronics, Inc. SMS45 Datasheet HTML 2Page - Summit Microelectronics, Inc. SMS45 Datasheet HTML 3Page - Summit Microelectronics, Inc. SMS45 Datasheet HTML 4Page - Summit Microelectronics, Inc. SMS45 Datasheet HTML 5Page - Summit Microelectronics, Inc. SMS45 Datasheet HTML 6Page - Summit Microelectronics, Inc. SMS45 Datasheet HTML 7Page - Summit Microelectronics, Inc. SMS45 Datasheet HTML 8Page - Summit Microelectronics, Inc. SMS45 Datasheet HTML 9Page - Summit Microelectronics, Inc. Next Button
Zoom Inzoom in Zoom Outzoom out
 5 / 20 page
background image
5
2079 1.2 05/24/04
SMS45
SUMMIT MICROELECTRONICS, Inc.
Preliminary Information
l
o
b
m
y
Sr
e
t
e
m
a
r
a
Ps
e
t
o
N.
n
i
M.
p
y
T.
x
a
Mt
i
n
U
t
O
T
D
W
P
g
o
d
h
c
t
a
W
e
l
b
a
m
m
a
r
g
o
r
P
d
o
i
r
e
p
r
e
m
i
t
2
D
W1
D
W0
D
W
00
X
F
F
O—
01
1
0
0
30
0
40
0
5
s
m
10
0
0
0
60
0
80
0
0
1
101
0
0
2
10
0
6
10
0
0
2
11
0
0
0
4
20
0
2
30
0
0
4
11
1
0
0
8
40
0
4
60
0
0
8
t
Y
L
D
P
X
m
o
r
f
y
a
l
e
d
e
l
b
a
m
m
a
r
g
o
r
P
V
H
T
P
t
u
o
#
P
U
P
o
t
1
-
X
#
P
U
P0
-
X
#
P
U
P
00
s
m
0—
01
9
15
21
3
s
m
10
8
30
53
6
11
5
70
0
15
2
1
I
R
M
t
n
e
r
r
u
c
p
u
ll
u
p
#
R
M
0
0
1A
µ
T
R
M
h
t
d
i
w
e
s
l
u
p
t
u
p
n
i
#
R
Mm
u
m
i
n
i
M0
0
3s
n
T
T
S
R
R
M
D
o
t
w
o
l
#
R
M
m
o
r
f
y
a
l
e
D
w
o
l
#
T
E
S
E
R
0
0
2s
n
t
O
T
R
P
e
s
l
u
p
t
e
s
e
r
e
l
b
a
m
m
a
r
g
o
r
P
h
t
d
i
w
1
O
T
R0
O
T
R
00
9
15
21
3s
m
01
8
30
53
6s
m
10
5
70
0
15
2
1s
m
11
0
5
10
0
20
5
2s
m
t
T
S
R
D
y
a
l
e
d
#
T
E
S
E
R
o
t
n
i
Ve
v
i
r
d
r
e
v
o
V
m
0
0
10
2s
µ
AC OPERATING CHARACTERISTICS
(Over Recommended Operating Conditions; Voltages are relative to GND, also see configuration registers)



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com