Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

SMS45 Datasheet(PDF) 4 Page - Summit Microelectronics, Inc.

Part # SMS45
Description  Quad Programmable Precision Cascade Sequencer and Supervisory Controller with 4k-Bit Nonvolatile Memory
PDF  20 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  SUMMIT [Summit Microelectronics, Inc.]
Direct Link  http://www.summitmicro.com
Logo SUMMIT - Summit Microelectronics, Inc.

SMS45 Datasheet(HTML) 4 Page - Summit Microelectronics, Inc.

  SMS45 Datasheet HTML 1Page - Summit Microelectronics, Inc. SMS45 Datasheet HTML 2Page - Summit Microelectronics, Inc. SMS45 Datasheet HTML 3Page - Summit Microelectronics, Inc. SMS45 Datasheet HTML 4Page - Summit Microelectronics, Inc. SMS45 Datasheet HTML 5Page - Summit Microelectronics, Inc. SMS45 Datasheet HTML 6Page - Summit Microelectronics, Inc. SMS45 Datasheet HTML 7Page - Summit Microelectronics, Inc. SMS45 Datasheet HTML 8Page - Summit Microelectronics, Inc. SMS45 Datasheet HTML 9Page - Summit Microelectronics, Inc. Next Button
Zoom Inzoom in Zoom Outzoom out
 4 / 20 page
background image
4
SMS45
2079 1.2 05/24/04
SUMMIT MICROELECTRONICS, Inc.
Preliminary Information
*Note - Stresses beyond the listed Absolute Maximum Ratings may
cause permanent damage to the device. These are stress ratings only,
and functional operation of the device at these or any other conditions
outside those listed in the operational sections of this specification is not
implied.
Exposure to any absolute maximum rating for extended
periods may affect device performance and reliability.
Temperature Under Bias ...................... –55°C to 125°C
Storage Temperature ............................. –65°C to 150°C
Lead Solder Temperature (10s) ........................... 300 °C
Terminal Voltage with Respect to GND:
V0, V1, V2, and V3 ......... –0.3V to 6.0V
All Others ....................... –0.3V to 6.0V
Junction Temperature.......................…….....…...150°C
ESD Rating per JEDEC……………………..….…..2000V
Latch-Up testing per JEDEC………..…….......…±100mA
DC OPERATING CHARACTERISTICS
ABSOLUTE MAXIMUM RATINGS*
RECOMMENDED OPERATING CONDITIONS
(Over Recommended Operating Conditions; Voltages are relative to GND)
Industrial Temperature Range............... –40
ºC to +85ºC.
Commercial Temperature Range..............–5
ºC to +70ºC.
VSUPPLY Supply Voltage............................2.7V to 5.5V
VSUPPLY = Device supply voltage provided by the
highest VX input.
Package Thermal Resistance (
θJA)
16 Lead SSOP…………………….………….…23oC/W
Moisture Classification Level 1 (MSL 1) per J-STD- 020
l
o
b
m
y
Sr
e
t
e
m
a
r
a
Ps
e
t
o
N.
n
i
M.
p
y
T.
x
a
Mt
i
n
U
V
Y
L
P
P
U
S
e
g
a
tl
o
v
y
l
p
p
u
s
g
n
it
a
r
e
p
O
-
t
u
o
t
e
s
e
r
d
il
a
v
a
o
t
s
r
e
f
e
r
.
n
i
M
V
1
d
e
t
a
r
e
n
e
g
g
n
i
e
b
t
u
p
0
.
15
.
5V
t
a
:
s
n
o
it
a
r
e
p
o
e
ti
r
w
/
d
a
e
r
y
r
o
m
e
M
V
e
h
t
f
o
e
n
o
t
s
a
e
l
X
e
b
t
s
u
m
s
t
u
p
n
i
V
e
v
o
b
a
r
o
t
a
Y
L
P
P
U
S
.
n
i
m
7
.
25
.
5V
I
C
C
t
n
e
r
r
u
c
y
l
p
p
u
S
V
;
V
5
.
5
=
P
A
C
_
D
D
V
0
V
;
V
7
.
4
t
n
i
o
p
p
i
r
t
1 V
,
2,
V
3
V
=
#
R
M
;
D
N
G
=
C
C
s
t
u
p
t
u
o
ll
a
;
g
n
it
a
o
lf
0
0
20
0
4A
µ
y
r
o
m
e
m
r
o
r
e
t
s
i
g
e
r
n
o
it
a
r
u
g
if
n
o
C
s
s
e
c
c
a
3A
m
V
H
T
P
e
g
n
a
R
d
l
o
h
s
e
r
h
t
e
l
b
a
m
m
a
r
g
o
r
P
)
e
g
n
a
r
w
o
l
(
e
g
n
a
r
V
e
g
n
a
r
e
g
a
tl
o
v
d
l
o
h
s
e
r
h
t
t
e
s
e
R
0
V
o
t
3
)
s
t
n
e
m
e
r
c
n
i
V
m
5
(
6
.
05
7
8
.
1V
V
H
T
P
e
g
n
a
R
d
l
o
h
s
e
r
h
t
e
l
b
a
m
m
a
r
g
o
r
P
)
e
g
n
a
r
h
g
i
h
(
e
g
n
a
r
V
e
g
n
a
r
e
g
a
tl
o
v
d
l
o
h
s
e
r
h
t
t
e
s
e
R
0
V
o
t
3
)
s
t
n
e
m
e
r
c
n
i
V
m
5
1
(
8
.
15
2
6
.
5V
V
C
C
A
H
T
P
d
l
o
h
s
e
r
h
t
e
l
b
a
m
m
a
r
g
o
r
P
y
c
a
r
u
c
c
A
V
H
T
P
d
l
o
h
s
e
r
h
t
d
e
m
m
a
r
g
o
r
p
e
h
t
s
i
V
e
h
t
n
i
h
ti
w
t
n
i
o
p
t
e
s
H
T
P
e
g
n
a
R
0
.
1
–V
H
T
P
0
.
1%
V
T
S
Y
H
V
T
S
R
s
i
s
e
r
e
t
s
y
hw
o
l
e
b
1
e
t
o
N
e
e
S0
3V
m
V
L
O
t
u
p
t
u
o
e
g
a
tl
o
v
w
o
L
I
K
N
I
S
V
,
A
m
1
=
P
A
C
_
D
D
V
≥
V
7
.
23
.
0V
I
K
N
I
S
V
,
A
µ
0
0
2
=
P
A
C
_
D
D
V
V
0
.
1
=3
.
0V
V
L
I
d
l
o
h
s
e
r
h
t
t
u
p
n
I
6
.
0V
V
H
I
7
.
0
× V
C
C
V
RELIABILITY CHARACTERISTICS
Data Retention………………….…………..…..100 Years
Endurance……………………….…..…….100,000 Cycles
Note 1: Low Range Hysteresis = 4.2 X (Vtrip - 0.5 volts) mV. For Vtrip = 1.0 volts, Hysteresis = 2.1 mV (0.21 %),
High Range Hysteresis = 12.6 X (Vtrip -0.5 volts) mV. For Vtrip = 5.0 volts, Hysteresis = 56.7 mV (1.13%).



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com