Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

SMS45 Datasheet(PDF) 17 Page - Summit Microelectronics, Inc.

Part # SMS45
Description  Quad Programmable Precision Cascade Sequencer and Supervisory Controller with 4k-Bit Nonvolatile Memory
PDF  20 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  SUMMIT [Summit Microelectronics, Inc.]
Direct Link  http://www.summitmicro.com
Logo SUMMIT - Summit Microelectronics, Inc.

SMS45 Datasheet(HTML) 17 Page - Summit Microelectronics, Inc.

Back Button SMS45 Datasheet HTML 12Page - Summit Microelectronics, Inc. SMS45 Datasheet HTML 13Page - Summit Microelectronics, Inc. SMS45 Datasheet HTML 14Page - Summit Microelectronics, Inc. SMS45 Datasheet HTML 15Page - Summit Microelectronics, Inc. SMS45 Datasheet HTML 16Page - Summit Microelectronics, Inc. SMS45 Datasheet HTML 17Page - Summit Microelectronics, Inc. SMS45 Datasheet HTML 18Page - Summit Microelectronics, Inc. SMS45 Datasheet HTML 19Page - Summit Microelectronics, Inc. SMS45 Datasheet HTML 20Page - Summit Microelectronics, Inc.  
Zoom Inzoom in Zoom Outzoom out
 17 / 20 page
background image
17
2079 1.2 05/24/04
SMS45
SUMMIT MICROELECTRONICS, Inc.
Preliminary Information
Figure 13. Typical applications schematic, the SMX3200 programmer has internal SDA and SCL pullup
resistors.
APPLICATIONS
U1
SM S45
2
3
4
5
13
14
16
V1
V2
PUP#1
PUP#2
PUP#3
V3
V0
C2
0.01uF
V3
PUP#2
VDD_CAP
R2
10K
D6
DIODE
C5
0.1uF
PUP#1
VDD_CAP
MR#
J1
I2C SMX3200
1
2
3
4
5
6
7
8
9
10
Gnd
SCL
Gnd3
SDA
Rsrv 5
MR#
+10V
Rsrv 8
+5V
Rsrv 10
WLDI
C3
0.01uF
PUP#3
C1
0.01uF
V2
R4
10K
C4
0.01uF
RESET#
R1
10K
V0
V1
VDD_CAP
VDD_CAP
R3
10K



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com