Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

SMS45 Datasheet(PDF) 18 Page - Summit Microelectronics, Inc.

Part # SMS45
Description  Quad Programmable Precision Cascade Sequencer and Supervisory Controller with 4k-Bit Nonvolatile Memory
PDF  20 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  SUMMIT [Summit Microelectronics, Inc.]
Direct Link  http://www.summitmicro.com
Logo SUMMIT - Summit Microelectronics, Inc.

SMS45 Datasheet(HTML) 18 Page - Summit Microelectronics, Inc.

Back Button SMS45 Datasheet HTML 12Page - Summit Microelectronics, Inc. SMS45 Datasheet HTML 13Page - Summit Microelectronics, Inc. SMS45 Datasheet HTML 14Page - Summit Microelectronics, Inc. SMS45 Datasheet HTML 15Page - Summit Microelectronics, Inc. SMS45 Datasheet HTML 16Page - Summit Microelectronics, Inc. SMS45 Datasheet HTML 17Page - Summit Microelectronics, Inc. SMS45 Datasheet HTML 18Page - Summit Microelectronics, Inc. SMS45 Datasheet HTML 19Page - Summit Microelectronics, Inc. SMS45 Datasheet HTML 20Page - Summit Microelectronics, Inc.  
Zoom Inzoom in Zoom Outzoom out
 18 / 20 page
background image
18
SMS45
2079 1.2 05/24/04
SUMMIT MICROELECTRONICS, Inc.
Preliminary Information
DEFAULT CONFIGURATION REGISTER SETTINGS - SMS45GC-230
R egister
C ontents
Function
R 00
56
V0 threshold set to 3.090V
R01
28
V1 threshold set to 2.400V
R02
A 0
V2 threshold set to 1.400V
R03
14
V3 threshold set to 0.700V
R04
F3
R eset Trigger source set for all channels, V0, V1 set to high range and V2, V3
set to low range
R05
X 0
U pper bits are volatile status indication of input supply condition. V 0, V 1, V 2
and V 3 set to m onitor U V U nder V oltage.
R06
4D
R eset tim eout set to 100m s, W atchdog Tim er set to 1.6s. Bits D 4 and D 3
indicate revision control.
R 07
6A
EE m em ory slave address is 1011, configuration registers are unlocked,
cascading delays are all 50m s
The default device ordering number is SMS45GC-230, is programmed as described above and tested
over the commercial temperature range.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com