Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

SMS45 Datasheet(PDF) 6 Page - Summit Microelectronics, Inc.

Part # SMS45
Description  Quad Programmable Precision Cascade Sequencer and Supervisory Controller with 4k-Bit Nonvolatile Memory
PDF  20 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  SUMMIT [Summit Microelectronics, Inc.]
Direct Link  http://www.summitmicro.com
Logo SUMMIT - Summit Microelectronics, Inc.

SMS45 Datasheet(HTML) 6 Page - Summit Microelectronics, Inc.

Back Button SMS45 Datasheet HTML 2Page - Summit Microelectronics, Inc. SMS45 Datasheet HTML 3Page - Summit Microelectronics, Inc. SMS45 Datasheet HTML 4Page - Summit Microelectronics, Inc. SMS45 Datasheet HTML 5Page - Summit Microelectronics, Inc. SMS45 Datasheet HTML 6Page - Summit Microelectronics, Inc. SMS45 Datasheet HTML 7Page - Summit Microelectronics, Inc. SMS45 Datasheet HTML 8Page - Summit Microelectronics, Inc. SMS45 Datasheet HTML 9Page - Summit Microelectronics, Inc. SMS45 Datasheet HTML 10Page - Summit Microelectronics, Inc. Next Button
Zoom Inzoom in Zoom Outzoom out
 6 / 20 page
background image
6
SMS45
2079 1.2 05/24/04
SUMMIT MICROELECTRONICS, Inc.
Preliminary Information
PIN DESCRIPTIONS
V0, V1, V2, V3 (16, 2, 3, 14)
These inputs are used as the voltage monitor inputs and
as the voltage supply for the SMS45. Internally they are
diode ORed and the input with the highest voltage
potential will be the default supply voltage (VDD_CAP).
The RESET# output will be valid if any one of the four inputs
is above 1V. However, for full device operation at least one
of the inputs must be at 2.7V or higher.
The sensing threshold for each input is independently
programmable in 5mV increments from 0.6V to 1.875V or
15mV increments from 1.8V to 5.625V. Also, the occur-
rence of an under- or over-voltage condition that is detected
as a result of the threshold setting can be used to generate
a RESET#. The programmable nature of the threshold
voltage eliminates the need for external voltage divider
networks.
GND
Power supply return.
MR# (1)
The manual reset input always generates a RESET#
output whenever it is driven low. The duration of the
RESET# output pulse will be initiated when MR# goes low
and it will stay low for the duration of MR# low plus the
programmed reset time-out period (tPRTO). If MR# is
brought low during a power-on cascade of the PUP#s the
cascade will be halted for the reset duration, and will then
resume from the point at which it was interrupted. MR#
must be held low during a configuration register write. This
signal is pulled up internally through a 50k
Ω resistor.
RESET# (11)
The reset output is an active low open drain output. It will
be driven low whenever the MR# input is low or whenever
an enabled under-voltage or over-voltage condition exists.
The four voltage monitor inputs are always functioning, but
their ability to generate a reset is programmable (configu-
Figure 2. RESET# Timing with MR#
ration register 4). Refer to Figures 2 and 3 for a detailed
illustration of the relationship between MR#, RESET# and
the VIN levels.
VDD_CAP (12)
The VDD_CAP pin connects to the internal supply voltage
for the SMS45. A capacitor is placed on this pin to filter
supply noise as well as hold up the device in the event of
power failure. The voltage on this node is determined by the
highest input voltage.
Loading of this pin should be
minimized to prevent excessive power dissipation in the
part.
WLDI (15)
Watchdog timer input. A high-to-low transition on the WLDI
input will clear the watchdog timer, effectively starting a
new time-out period. This signal is pulled up internally
through a 50k
Ω resistor.
If WLDI is stuck low and no high-to-low transition is
received within the programmed tPWDTO period (pro-
grammed watchdog time-out) RESET# will be driven low.
Refer to Figure 4 for a detailed illustration.
Holding WLDI low will not block the watchdog from timing
out and generating a reset. Refer to Figure 4 for a detailed
illustration of the relationship between RESET# and WLDI.
tPRTO
2047 Fig04 3.0
RESET#
WLDI
t0
t0
t0
t0
t0
tPRTO
tPWDTO
tPWDTO
Figure 3. RESET# Timing
Figure 4. Watchdog and WLDI Timing
RESET#
tPRTO
V0 — V3
tDRST
VPTH-UV
MR#
RESET#
tDMRRST
tPRTO



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com