Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

SMS45 Datasheet(PDF) 14 Page - Summit Microelectronics, Inc.

Part # SMS45
Description  Quad Programmable Precision Cascade Sequencer and Supervisory Controller with 4k-Bit Nonvolatile Memory
PDF  20 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  SUMMIT [Summit Microelectronics, Inc.]
Direct Link  http://www.summitmicro.com
Logo SUMMIT - Summit Microelectronics, Inc.

SMS45 Datasheet(HTML) 14 Page - Summit Microelectronics, Inc.

Back Button SMS45 Datasheet HTML 10Page - Summit Microelectronics, Inc. SMS45 Datasheet HTML 11Page - Summit Microelectronics, Inc. SMS45 Datasheet HTML 12Page - Summit Microelectronics, Inc. SMS45 Datasheet HTML 13Page - Summit Microelectronics, Inc. SMS45 Datasheet HTML 14Page - Summit Microelectronics, Inc. SMS45 Datasheet HTML 15Page - Summit Microelectronics, Inc. SMS45 Datasheet HTML 16Page - Summit Microelectronics, Inc. SMS45 Datasheet HTML 17Page - Summit Microelectronics, Inc. SMS45 Datasheet HTML 18Page - Summit Microelectronics, Inc. Next Button
Zoom Inzoom in Zoom Outzoom out
 14 / 20 page
background image
14
SMS45
2079 1.2 05/24/04
SUMMIT MICROELECTRONICS, Inc.
Preliminary Information
Figure 10. START and STOP Conditions
2047 Table11 1.0
Table 11. Slave Addresses
START and STOP Conditions
When both the data and clock lines are high the bus is said
to be not busy. A high-to-low transition on the data line,
while the clock is high, is defined as the Start condition.
A low-to-high transition on the data line, while the clock
is high, is defined as the Stop condition. See Figure 10.
Acknowledge (ACK)
Acknowledge is a software convention used to indicate
successful data transfers.
The transmitting device,
either the Master or the Slave, will release the bus after
transmitting eight bits. During the ninth clock cycle the
receiver will pull the SDA line low to Acknowledge that it
received the eight bits of data. The Master will leave the
SDA line high (NACK) when it terminates a read function.
The SMS45 will respond with an Acknowledge after recog-
nition of a Start condition and its slave address byte. If both
the device and a write operation are selected the SMS45
will respond with an Acknowledge after the receipt of each
subsequent 8-Bit word. In the READ mode the SMS45
transmits eight bits of data, then releases the SDA line, and
monitors the line for an Acknowledge signal. If an Acknowl-
edge is detected and no Stop condition is generated by the
Master, the SMS45 will continue to transmit data. If a
NACK is detected the SMS45 will terminate further data
transmissions and await a Stop condition before returning
to the standby power mode.
Device Addressing
Following a Start condition the Master must output the
address of the Slave it is accessing. The most significant
four bits of the Slave address are the device type
identifier/address. For the SMS45 the default is 1010BIN.
The next two bits are the Bus Address. The next bit (the
7th) is the MSB of the memory address.
Read/Write Bit
The last bit of the data stream defines the operation to be
performed. When set to 1 a Read operation is selected;
when set to 0 a Write operation is selected.
WRITE OPERATIONS
The SMS45 allows two types of Write operations: byte
Write and page Write. A byte Write operation writes a
single byte during the nonvolatile write period (tWR). The
page Write operation, limited to the memory array, allows
up to 16 bytes in the same page to be written during tWR.
Byte Write
After the Slave address is sent (to identify the Slave
device and select either a Read or Write operation), a
second byte is transmitted which contains the low order
8 bit address of any one of the 512 words in the array.
Upon receipt of the word address the SMS45 responds with
an Acknowledge. After receiving the next byte of data it
again responds with an Acknowledge. The Master then
terminates the transfer by generating a Stop condition, at
which time the SMS45 begins the internal Write cycle.
While the internal Write cycle is in progress the SMS45
inputs are disabled and the device will not respond to any
requests from the Master.
Page Write (memory only)
The SMS45 is capable of a 16-byte page Write operation.
It is initiated in the same manner as the byte Write
operation, but instead of terminating the Write cycle after
the first data word the Master can transmit up to 15 more
bytes of data. After the receipt of each byte the SMS45 will
respond with an Acknowledge.
The SMS45 automatically increments the address for
subsequent data words. After the receipt of each word the
low order address bits are internally incremented by one.
2047 Fig10
SCL
SDA In
START
Condition
STOP
Condition
7
D
B
S
M
6
D5
D4
D3
D2
D1
D
0
D
B
S
L
s
t
i
B
s
s
e
r
d
d
A
e
p
y
T
e
c
i
v
e
Ds
u
BB
S
MW
/
R
5
4
S
M
Sx
x
x
x
10
0
1
r
e
t
s
i
g
e
R
n
o
i
t
a
r
u
g
i
f
n
o
C
10
1
0
)
t
l
u
a
f
e
d
(
y
r
o
m
e
M
10
1
1
y
r
o
m
e
M
e
t
a
n
r
e
t
l
A
I2C PROGRAMMING INFORMATION (CONTINUED)



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com