Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

ART150FEU Datasheet(PDF) 3 Page - Ampleon Netherlands B.V.

Part # ART150FEU
Description  Power LDMOS transistor
PDF  17 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  AMPLEON [Ampleon Netherlands B.V.]
Direct Link  https://www.ampleon.com
Logo AMPLEON - Ampleon Netherlands B.V.

ART150FEU Datasheet(HTML) 3 Page - Ampleon Netherlands B.V.

  ART150FEU Datasheet HTML 1Page - Ampleon Netherlands B.V. ART150FEU Datasheet HTML 2Page - Ampleon Netherlands B.V. ART150FEU Datasheet HTML 3Page - Ampleon Netherlands B.V. ART150FEU Datasheet HTML 4Page - Ampleon Netherlands B.V. ART150FEU Datasheet HTML 5Page - Ampleon Netherlands B.V. ART150FEU Datasheet HTML 6Page - Ampleon Netherlands B.V. ART150FEU Datasheet HTML 7Page - Ampleon Netherlands B.V. ART150FEU Datasheet HTML 8Page - Ampleon Netherlands B.V. ART150FEU Datasheet HTML 9Page - Ampleon Netherlands B.V. Next Button
Zoom Inzoom in Zoom Outzoom out
 3 / 17 page
background image
ART150FE
All information provided in this document is subject to legal disclaimers.
© Ampleon Netherlands B.V. 2021. All rights reserved.
Product data sheet
Rev. 1 — 4 January 2021
3 of 17
ART150FE
Power LDMOS transistor
5.
Thermal characteristics
[1]
Rth(j-c) is measured under RF conditions.
[2]
See Figure 1.
Table 5.
Thermal characteristics
Symbol
Parameter
Conditions
Typ
Unit
Rth(j-c)
thermal resistance from junction to case
Tcase =90 C; PL =150 W
[1] 0.72
K/W
Zth(j-c)
transient thermal impedance from
junction to case
Tcase =90 C; tp = 100 s;
 =10 %
0.21
K/W
(1)
 = 1 %
(2)
 = 2 %
(3)
 = 5 %
(4)
 = 10 %
(5)
 = 20 %
(6)
 = 50 %
(7)
 = 100 % (DC)
Fig 1.
Transient thermal impedance from junction to case as a function of pulse
duration
amp01579
10-7
10-6
10-5
10-4
10-3
10-2
10-1
1
10
102
0
0.2
0.4
0.6
0.8
1
tp (s)
Zth(j-c)
th(j-c)
Zth(j-c)
(K/W)
(K/W)
(K/W)
(7)
(7)
(7)
(6)
(6)
(6)
(5)
(5)
(5)
(4)
(4)
(4)
(3)
(3)
(3)
(2)
(2)
(2)
(1)
(1)
(1)



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com