Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

ART150FEU Datasheet(PDF) 14 Page - Ampleon Netherlands B.V.

Part # ART150FEU
Description  Power LDMOS transistor
PDF  17 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  AMPLEON [Ampleon Netherlands B.V.]
Direct Link  https://www.ampleon.com
Logo AMPLEON - Ampleon Netherlands B.V.

ART150FEU Datasheet(HTML) 14 Page - Ampleon Netherlands B.V.

Back Button ART150FEU Datasheet HTML 9Page - Ampleon Netherlands B.V. ART150FEU Datasheet HTML 10Page - Ampleon Netherlands B.V. ART150FEU Datasheet HTML 11Page - Ampleon Netherlands B.V. ART150FEU Datasheet HTML 12Page - Ampleon Netherlands B.V. ART150FEU Datasheet HTML 13Page - Ampleon Netherlands B.V. ART150FEU Datasheet HTML 14Page - Ampleon Netherlands B.V. ART150FEU Datasheet HTML 15Page - Ampleon Netherlands B.V. ART150FEU Datasheet HTML 16Page - Ampleon Netherlands B.V. ART150FEU Datasheet HTML 17Page - Ampleon Netherlands B.V.  
Zoom Inzoom in Zoom Outzoom out
 14 / 17 page
background image
ART150FE
All information provided in this document is subject to legal disclaimers.
© Ampleon Netherlands B.V. 2021. All rights reserved.
Product data sheet
Rev. 1 — 4 January 2021
14 of 17
ART150FE
Power LDMOS transistor
10. Handling information
[1]
CDM classification C2A is granted to any part that passes after exposure to an ESD pulse of 500 V.
[2]
HBM classification 2 is granted to any part that passes after exposure to an ESD pulse of 2000 V.
11. Abbreviations
12. Revision history
CAUTION
This device is sensitive to ElectroStatic Discharge (ESD). Observe precautions for handling
electrostatic sensitive devices.
Such precautions are described in the ANSI/ESD S20.20, IEC/ST 61340-5, JESD625-A or
equivalent standards.
Table 13.
ESD sensitivity
ESD model
Class
Charged Device Model (CDM); According to ANSI/ESDA/JEDEC standard JS-002
C2A [1]
Human Body Model (HBM); According to ANSI/ESDA/JEDEC standard JS-001
2 [2]
Table 14.
Abbreviations
Acronym
Description
CW
Continuous Wave
ESD
ElectroStatic Discharge
FM
Frequency Modulation
ISM
Industrial, Scientific and Medical
LDMOS
Laterally Diffused Metal-Oxide Semiconductor
MRI
Magnetic Resonance Imaging
MTF
Median Time to Failure
RoHS
Restriction of Hazardous Substances
SMD
Surface Mounted Device
UHF
Ultra High Frequency
VHF
Very High Frequency
VSWR
Voltage Standing Wave Ratio
Table 15.
Revision history
Document ID
Release date
Data sheet status
Change notice
Supersedes
ART150FE v.1
20210104
Product data sheet
-
-



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com