Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

ART150FEU Datasheet(PDF) 9 Page - Ampleon Netherlands B.V.

Part # ART150FEU
Description  Power LDMOS transistor
PDF  17 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  AMPLEON [Ampleon Netherlands B.V.]
Direct Link  https://www.ampleon.com
Logo AMPLEON - Ampleon Netherlands B.V.

ART150FEU Datasheet(HTML) 9 Page - Ampleon Netherlands B.V.

Back Button ART150FEU Datasheet HTML 5Page - Ampleon Netherlands B.V. ART150FEU Datasheet HTML 6Page - Ampleon Netherlands B.V. ART150FEU Datasheet HTML 7Page - Ampleon Netherlands B.V. ART150FEU Datasheet HTML 8Page - Ampleon Netherlands B.V. ART150FEU Datasheet HTML 9Page - Ampleon Netherlands B.V. ART150FEU Datasheet HTML 10Page - Ampleon Netherlands B.V. ART150FEU Datasheet HTML 11Page - Ampleon Netherlands B.V. ART150FEU Datasheet HTML 12Page - Ampleon Netherlands B.V. ART150FEU Datasheet HTML 13Page - Ampleon Netherlands B.V. Next Button
Zoom Inzoom in Zoom Outzoom out
 9 / 17 page
background image
ART150FE
All information provided in this document is subject to legal disclaimers.
© Ampleon Netherlands B.V. 2021. All rights reserved.
Product data sheet
Rev. 1 — 4 January 2021
9 of 17
ART150FE
Power LDMOS transistor
8.3 Test circuit
Printed-Circuit Board (PCB): Rogers RO4350B;
r = 3.48 F/m; thickness = 0.762 mm.
See Table 12 for a list of components.
Fig 10. Component layout
Table 12.
List of components
For test circuit see Figure 10.
Component Description
Value
Remarks
C1, C2
multilayer ceramic chip capacitor 1 nF
ATC 100B
C3, C9
multilayer ceramic chip capacitor 4.7
F, 100 V
TDK: C5750X7R2A475K230KA
C4, C8
multilayer ceramic chip capacitor 100 nF, 100 V
AVX: 12061C104KAT2A
C5
multilayer ceramic chip capacitor 18 pF
ATC 100B
C6
multilayer ceramic chip capacitor 91 pF
ATC 100B
C7
multilayer ceramic chip capacitor 750 pF
ATC 100B
C10
electrolytic capacitor
470
F, 100 V
Rybicon:
100ZLH470MEFC16X31.5
R1
chip resistor
0
SMD 1206
R2
chip resistor
5.1 k
SMD 1206
R3
chip resistor
0.01
Ohmite: FC4L110R010FER
L1
chip inductor
22 nH
Coilcraft: 1206CS-220XJE
L2
air core inductor
35.5 nH
Coilcraft: B09TGLC
L3
air core inductor
82 nF
Coilcraft: 1812sms-R10GLB
L4
SM bead
Z47, 100 MHZ
Fair Rite: 2743019447
106 mm
60 mm
amp01572
C1
L1
C3
C4
R1
R2
C2
L3
C7
L4
C8
C9
C6
R3
C5
L2
C10



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com