Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

ART150FEU Datasheet(PDF) 6 Page - Ampleon Netherlands B.V.

Part # ART150FEU
Description  Power LDMOS transistor
PDF  17 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  AMPLEON [Ampleon Netherlands B.V.]
Direct Link  https://www.ampleon.com
Logo AMPLEON - Ampleon Netherlands B.V.

ART150FEU Datasheet(HTML) 6 Page - Ampleon Netherlands B.V.

Back Button ART150FEU Datasheet HTML 2Page - Ampleon Netherlands B.V. ART150FEU Datasheet HTML 3Page - Ampleon Netherlands B.V. ART150FEU Datasheet HTML 4Page - Ampleon Netherlands B.V. ART150FEU Datasheet HTML 5Page - Ampleon Netherlands B.V. ART150FEU Datasheet HTML 6Page - Ampleon Netherlands B.V. ART150FEU Datasheet HTML 7Page - Ampleon Netherlands B.V. ART150FEU Datasheet HTML 8Page - Ampleon Netherlands B.V. ART150FEU Datasheet HTML 9Page - Ampleon Netherlands B.V. ART150FEU Datasheet HTML 10Page - Ampleon Netherlands B.V. Next Button
Zoom Inzoom in Zoom Outzoom out
 6 / 17 page
background image
ART150FE
All information provided in this document is subject to legal disclaimers.
© Ampleon Netherlands B.V. 2021. All rights reserved.
Product data sheet
Rev. 1 — 4 January 2021
6 of 17
ART150FE
Power LDMOS transistor
VDS =65V; IDq =10mA; f=64 MHz.
VDS =65V; IDq =10mA; f=64 MHz.
(1) PL(1dB) = 51.46 dBm (140 W)
(2) PL(3dB) = 52.81 dBm (191 W)
Fig 4.
Power gain and drain efficiency as function of
output power; typical values
Fig 5.
Output power as a function of input power;
typical values
amp01567
0
40
80
120
160
200
24
0
26
20
28
40
30
60
32
80
34
100
PL (W)
Gp
Gp
(dB)
(dB)
(dB)
ηD
ηD
(%)
(%)
(%)
Gp
Gp
ηD
ηD
amp01568
15
17
19
21
23
25
48
50
52
54
56
Pi (dBm)
P
P
P
PLLL
PL
(dBm)
(((d
d
dB
B
B
B
Bm
m
m)))))
(dBm)
P
P
PLLL
PL
Ideal P
Id
deal P
PLLL
Ideal PL
(1)
(1)
(1)
(2)
(2
2)
(2)



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com