Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

ART150FEU Datasheet(PDF) 1 Page - Ampleon Netherlands B.V.

Part # ART150FEU
Description  Power LDMOS transistor
PDF  17 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  AMPLEON [Ampleon Netherlands B.V.]
Direct Link  https://www.ampleon.com
Logo AMPLEON - Ampleon Netherlands B.V.

ART150FEU Datasheet(HTML) 1 Page - Ampleon Netherlands B.V.

  ART150FEU Datasheet HTML 1Page - Ampleon Netherlands B.V. ART150FEU Datasheet HTML 2Page - Ampleon Netherlands B.V. ART150FEU Datasheet HTML 3Page - Ampleon Netherlands B.V. ART150FEU Datasheet HTML 4Page - Ampleon Netherlands B.V. ART150FEU Datasheet HTML 5Page - Ampleon Netherlands B.V. ART150FEU Datasheet HTML 6Page - Ampleon Netherlands B.V. ART150FEU Datasheet HTML 7Page - Ampleon Netherlands B.V. ART150FEU Datasheet HTML 8Page - Ampleon Netherlands B.V. ART150FEU Datasheet HTML 9Page - Ampleon Netherlands B.V. Next Button
Zoom Inzoom in Zoom Outzoom out
 1 / 17 page
background image
1.
Product profile
1.1 General description
Based on Advanced Rugged Technology (ART), this 150 W LDMOS RF transistor has
been designed to cover a wide range of applications for ISM, broadcast and
communications. The unmatched transistor has a frequency range of 1 MHz to 650 MHz.
[1]
tp =100 s;  =10%.
[2]
Production circuit.
1.2 Features and benefits
High breakdown voltage enables class E operation up to VDS =50V
Qualified up to a maximum of VDS =65V
Characterized from 30 V to 65 V to support a wide range of applications
Integrated dual sided ESD protection enables class C operation and complete switch
off of the transistor
Excellent ruggedness with no device degradation
High efficiency
Excellent thermal stability
Designed for broadband operation
For RoHS compliance see the product details on the Ampleon website
ART150FE
Power LDMOS transistor
Rev. 1 — 4 January 2021
Product data sheet
Table 1.
Application information
Test signal
f
VDS
PL
Gp
D
(MHz)
(V)
(W)
(dB)
(%)
CW
64
65
150
31.3
71.4
CW pulsed [1][2]
108
65
150
30.9
75.8
CW [2]
108
65
150
30.3
75.1
CW
128
65
150
28.7
71.0
CW
130
50
88
28.8
72.7
CW
130
32
38
27.2
73.9


Similar Part No. - ART150FEU

ManufacturerPart #DatasheetDescription
logo
Ampleon Netherlands B.V...
ART150PE AMPLEON-ART150PE Datasheet
1Mb / 19P
Power LDMOS transistor
Rev. 1 - 13 January 2023
ART150PEG AMPLEON-ART150PEG Datasheet
1Mb / 19P
Power LDMOS transistor
Rev. 1 - 13 January 2023
ART150PEGXY AMPLEON-ART150PEGXY Datasheet
1Mb / 19P
Power LDMOS transistor
Rev. 1 - 13 January 2023
ART150PEGZ AMPLEON-ART150PEGZ Datasheet
1Mb / 19P
Power LDMOS transistor
Rev. 1 - 13 January 2023
ART150PEXY AMPLEON-ART150PEXY Datasheet
1Mb / 19P
Power LDMOS transistor
Rev. 1 - 13 January 2023
More results

Similar Description - ART150FEU

ManufacturerPart #DatasheetDescription
logo
NXP Semiconductors
BLF6G20-110 NXP-BLF6G20-110 Datasheet
74Kb / 9P
Power LDMOS transistor
Rev. 01-28 January 2008
BLF6G20-45 NXP-BLF6G20-45 Datasheet
88Kb / 12P
Power LDMOS transistor
Rev. 02-25 August 2008
BLF6G20-110 NXP-BLF6G20-110_09 Datasheet
90Kb / 10P
Power LDMOS transistor
Rev. 03-13 January 2009
BLF7G22L-130 NXP-BLF7G22L-130 Datasheet
180Kb / 15P
Power LDMOS transistor
Rev. 3-18 November 2010
BLF2425M7L140 NXP-BLF2425M7L140 Datasheet
299Kb / 11P
Power LDMOS transistor
Rev. 3-6 September 2012
BLF188XR NXP-BLF188XR Datasheet
227Kb / 15P
Power LDMOS transistor
Rev. 5-12 November 2013
BLA8G1011L(S)-300 PHILIPS-BLA8G1011L(S)-300_15 Datasheet
200Kb / 14P
Power LDMOS transistor
Rev. 2-26 January 2015
BLC8G22LS-450AV PHILIPS-BLC8G22LS-450AV_15 Datasheet
225Kb / 15P
Power LDMOS transistor
Rev. 3-2 June 2015
BLF6G10-200RN PHILIPS-BLF6G10-200RN_15 Datasheet
169Kb / 11P
Power LDMOS transistor
Rev. 02-21 January 2010
BLF6G13L-250P PHILIPS-BLF6G13L-250P_15 Datasheet
159Kb / 14P
Power LDMOS transistor
Rev. 3-14 October 2011
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com