Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

ART150FEU Datasheet(PDF) 5 Page - Ampleon Netherlands B.V.

Part # ART150FEU
Description  Power LDMOS transistor
PDF  17 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  AMPLEON [Ampleon Netherlands B.V.]
Direct Link  https://www.ampleon.com
Logo AMPLEON - Ampleon Netherlands B.V.

ART150FEU Datasheet(HTML) 5 Page - Ampleon Netherlands B.V.

  ART150FEU Datasheet HTML 1Page - Ampleon Netherlands B.V. ART150FEU Datasheet HTML 2Page - Ampleon Netherlands B.V. ART150FEU Datasheet HTML 3Page - Ampleon Netherlands B.V. ART150FEU Datasheet HTML 4Page - Ampleon Netherlands B.V. ART150FEU Datasheet HTML 5Page - Ampleon Netherlands B.V. ART150FEU Datasheet HTML 6Page - Ampleon Netherlands B.V. ART150FEU Datasheet HTML 7Page - Ampleon Netherlands B.V. ART150FEU Datasheet HTML 8Page - Ampleon Netherlands B.V. ART150FEU Datasheet HTML 9Page - Ampleon Netherlands B.V. Next Button
Zoom Inzoom in Zoom Outzoom out
 5 / 17 page
background image
ART150FE
All information provided in this document is subject to legal disclaimers.
© Ampleon Netherlands B.V. 2021. All rights reserved.
Product data sheet
Rev. 1 — 4 January 2021
5 of 17
ART150FE
Power LDMOS transistor
7.
Application information
7.1 Application circuit f = 64 MHz
Printed-Circuit Board (PCB): Rogers RO4350;
r = 3.48 F/m; thickness = 0.762 mm.
See Table 9 for a list of components.
Fig 3.
Component layout
Table 9.
List of components
For test circuit see Figure 3.
Component
Description
Value
Remarks
C1, C5, C6
multilayer ceramic chip capacitor
100 nF, 100 V
C2
multilayer ceramic chip capacitor
100 pF
ATC 800B
C3
electrolytic capacitor
47
F
C4, C7
multilayer ceramic chip capacitor
4.7
F, 100 V
C8
electrolytic capacitor
220
F, 100 V
C9
multilayer ceramic chip capacitor
39 pF
ATC 800B
C10
multilayer ceramic chip capacitor
160 pF
ATC 800B
R1
chip resistor
5.1 k
SMD 1206
L1
chip inductor
120 nH
1206CS
L2
air core inductor
120 nH
1812SMS
L3
air core inductor
66 nH
1212VS-66NME
C1
C3 C4
C5 R1
L2
C6
C7
C10
L3
L1
C2
C8
50 mm
60 mm
50 mm
amp01566
C9



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com