Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

BLF978P Datasheet(PDF) 5 Page - Ampleon Netherlands B.V.

Part # BLF978P
Description  HF / VHF power LDMOS transistor
PDF  15 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  AMPLEON [Ampleon Netherlands B.V.]
Direct Link  https://www.ampleon.com
Logo AMPLEON - Ampleon Netherlands B.V.

BLF978P Datasheet(HTML) 5 Page - Ampleon Netherlands B.V.

  BLF978P Datasheet HTML 1Page - Ampleon Netherlands B.V. BLF978P Datasheet HTML 2Page - Ampleon Netherlands B.V. BLF978P Datasheet HTML 3Page - Ampleon Netherlands B.V. BLF978P Datasheet HTML 4Page - Ampleon Netherlands B.V. BLF978P Datasheet HTML 5Page - Ampleon Netherlands B.V. BLF978P Datasheet HTML 6Page - Ampleon Netherlands B.V. BLF978P Datasheet HTML 7Page - Ampleon Netherlands B.V. BLF978P Datasheet HTML 8Page - Ampleon Netherlands B.V. BLF978P Datasheet HTML 9Page - Ampleon Netherlands B.V. Next Button
Zoom Inzoom in Zoom Outzoom out
 5 / 15 page
background image
BLF978P
All information provided in this document is subject to legal disclaimers.
© Ampleon Netherlands B.V. 2020. All rights reserved.
Product data sheet
Rev. 1 — 3 April 2020
5 of 15
BLF978P
HF / VHF power LDMOS transistor
7.
Application information
VDS =50V; IDq =2  5 mA; f = 352 MHz; CW.
VDS =50V; IDq =2  50 mA; f = 352 MHz; CW pulsed
(tp = 100 s;  =10%).
Fig 3.
Power gain and drain efficiency on AR191160
as function of output power; typical values
Fig 4.
Power gain and drain efficiency on AR191160
as function of output power; typical values
VDS =45V; IDq =2  10 mA; f = 500 MHz; CW.
VDS =50V; IDq =2  10 mA; f = 650 MHz; CW.
Fig 5.
Power gain and drain efficiency on AR191195
as function of output power; typical values
Fig 6.
Power gain and drain efficiency on AR201049
as function of output power; typical values
amp01412
0
200
400
600
800
1000
1200
21
20
22
30
23
40
24
50
25
60
26
70
27
80
PL (W)
Gp
Gp
(dB)
(dB)
(dB)
ηD
ηD
(%)
(%)
(%)
Gp
Gp
ηD
ηD
amp01413
0
200
400
600
800
1000
1200
1400
23
10
24
30
25
50
26
70
27
90
PL (W)
Gp
Gp
(dB)
(dB)
(dB)
ηD
ηD
(%)
(%)
(%)
Gp
Gp
ηD
ηD
amp01414
0
200
400
600
800
1000
19
30
20
40
21
50
22
60
23
70
24
80
PL (W)
Gp
Gp
(dB)
(dB)
(dB)
ηD
ηD
(%)
(%)
(%)
Gp
Gp
ηD
ηD
amp01415
0
200
400
600
800
1000
1200
18
30
19
40
20
50
21
60
22
70
PL (W)
Gp
Gp
(dB)
(dB)
(dB)
ηD
ηD
(%)
(%)
(%)
Gp
Gp
ηD
ηD



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com