Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

BLF978P Datasheet(PDF) 7 Page - Ampleon Netherlands B.V.

Part # BLF978P
Description  HF / VHF power LDMOS transistor
PDF  15 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  AMPLEON [Ampleon Netherlands B.V.]
Direct Link  https://www.ampleon.com
Logo AMPLEON - Ampleon Netherlands B.V.

BLF978P Datasheet(HTML) 7 Page - Ampleon Netherlands B.V.

Back Button BLF978P Datasheet HTML 3Page - Ampleon Netherlands B.V. BLF978P Datasheet HTML 4Page - Ampleon Netherlands B.V. BLF978P Datasheet HTML 5Page - Ampleon Netherlands B.V. BLF978P Datasheet HTML 6Page - Ampleon Netherlands B.V. BLF978P Datasheet HTML 7Page - Ampleon Netherlands B.V. BLF978P Datasheet HTML 8Page - Ampleon Netherlands B.V. BLF978P Datasheet HTML 9Page - Ampleon Netherlands B.V. BLF978P Datasheet HTML 10Page - Ampleon Netherlands B.V. BLF978P Datasheet HTML 11Page - Ampleon Netherlands B.V. Next Button
Zoom Inzoom in Zoom Outzoom out
 7 / 15 page
background image
BLF978P
All information provided in this document is subject to legal disclaimers.
© Ampleon Netherlands B.V. 2020. All rights reserved.
Product data sheet
Rev. 1 — 3 April 2020
7 of 15
BLF978P
HF / VHF power LDMOS transistor
8.3 Test circuit
Printed-Circuit Board (PCB): Rogers RT/duroid 5880; thickness = 0.79 mm.
See Table 10 for a list of components.
Fig 8.
Component layout for class-AB production test circuit
amp01283
C22
B3
C15
C13
C1
C2
C3
C5
C7
B2
C4
C6
C8
R1
R2
C14
C16
C20
C21
C17
C9
C11
C10
C12
B1
B4
C18
C19
L1
L2
R3
R4
200.3 mm
90 mm
17 mm
1.6 mm
2 mm
5 mm
5 mm
10.5 mm
Table 10.
List of components
For test circuit see Figure 8.
Component
Description
Value
Remarks
C1, C7, C8, C9, C10, C22
multilayer ceramic chip capacitor
1 nF
ATC 100B
C2, C3
multilayer ceramic chip capacitor
62 pF
ATC 100B
C4
multilayer ceramic chip capacitor
111 pF
ATC 100B
C5, C6, C11, C12
multilayer ceramic chip capacitor
4.7
F, 100 V
C3225X7S2A475K200AE
C13, C14, C20, C21
multilayer ceramic chip capacitor
47 pF
ATC 100B
C15, C16
multilayer ceramic chip capacitor
43 pF
ATC 100B
C17
multilayer ceramic chip capacitor
51 pF
ATC 100B
C18, C19
electrolytic capacitor
1500
F, 80 V
L1, L2
air core inductor
17.5 nH
B06TJLB
R1, R2
SMD resistor
5.1
SMD 1206
R3, R4
shunt resistor
0.01
Ohmite: FC4L110R010FER
B1, B2, B3, B4
coaxial line
50
, 58 mm
HUBER+SUHNER:
EZ-141-AL-TP-M17



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com