Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

BLF978P Datasheet(PDF) 1 Page - Ampleon Netherlands B.V.

Part # BLF978P
Description  HF / VHF power LDMOS transistor
PDF  15 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  AMPLEON [Ampleon Netherlands B.V.]
Direct Link  https://www.ampleon.com
Logo AMPLEON - Ampleon Netherlands B.V.

BLF978P Datasheet(HTML) 1 Page - Ampleon Netherlands B.V.

  BLF978P Datasheet HTML 1Page - Ampleon Netherlands B.V. BLF978P Datasheet HTML 2Page - Ampleon Netherlands B.V. BLF978P Datasheet HTML 3Page - Ampleon Netherlands B.V. BLF978P Datasheet HTML 4Page - Ampleon Netherlands B.V. BLF978P Datasheet HTML 5Page - Ampleon Netherlands B.V. BLF978P Datasheet HTML 6Page - Ampleon Netherlands B.V. BLF978P Datasheet HTML 7Page - Ampleon Netherlands B.V. BLF978P Datasheet HTML 8Page - Ampleon Netherlands B.V. BLF978P Datasheet HTML 9Page - Ampleon Netherlands B.V. Next Button
Zoom Inzoom in Zoom Outzoom out
 1 / 15 page
background image
1.
Product profile
1.1 General description
A 1200 W LDMOS power transistor for broadcast applications and industrial applications
in the HF to 700 MHz band.
[1]
On production test circuit tp =100 s;  =10%.
[2]
AR191160.
[3]
AR191195.
[4]
AR201049.
1.2 Features and benefits
Easy power control
Integrated ESD protection
Excellent ruggedness
High efficiency
Excellent thermal stability
Designed for broadband operation (10 MHz to 700 MHz)
For RoHS compliance see the product details on the Ampleon website
1.3 Applications
Industrial, scientific and medical applications
Broadcast transmitter applications
BLF978P
HF / VHF power LDMOS transistor
Rev. 1 — 3 April 2020
Product data sheet
Table 1.
Application information
Test signal
f
VDS
PL
Gp
D
(MHz)
(V)
(W)
(dB)
(%)
CW pulsed [1]
225
50
1200
25.5
80.0
CW pulsed [2]
352
50
1150
25.0
79.6
CW [2]
352
50
1150
23.6
76.7
CW [3]
500
45
800
22.3
71.6
CW [4]
650
50
1000
20.0
66.2


Similar Part No. - BLF978P

ManufacturerPart #DatasheetDescription
logo
Ampleon Netherlands B.V...
BLF974P AMPLEON-BLF974P Datasheet
1Mb / 18P
HF / VHF power LDMOS transistor
Rev. 1 ??26 March 2020
More results

Similar Description - BLF978P

ManufacturerPart #DatasheetDescription
logo
NXP Semiconductors
BLC573 NXP-BLC573 Datasheet
117Kb / 14P
HF / VHF power LDMOS transistor
Rev. 01-11 December 2008
BLF571 NXP-BLF571 Datasheet
105Kb / 13P
HF / VHF power LDMOS transistor
Rev. 01-11 December 2008
BLF573S NXP-BLF573S Datasheet
84Kb / 14P
HF / VHF power LDMOS transistor
Rev. 01-8 December 2008
BLF574 NXP-BLF574 Datasheet
171Kb / 18P
HF / VHF power LDMOS transistor
Rev. 01-8 December 2008
BLF574 PHILIPS-BLF574 Datasheet
171Kb / 18P
HF / VHF power LDMOS transistor
Rev. 02-24 February 2009
BLF571 PHILIPS-BLF571_15 Datasheet
113Kb / 13P
HF / VHF power LDMOS transistor
Rev. 02-24 February 2009
BLF573_BLF573S PHILIPS-BLF573_BLF573S_15 Datasheet
362Kb / 16P
HF / VHF power LDMOS transistor
Rev. 3-8 July 2010
BLF574 PHILIPS-BLF574_15 Datasheet
179Kb / 18P
HF / VHF power LDMOS transistor
Rev. 02-24 February 2009
logo
Ampleon Netherlands B.V...
BLF571 AMPLEON-BLF571 Datasheet
1Mb / 14P
HF / VHF power LDMOS transistor
Rev. 3 ??1 September 2015
BLF574 AMPLEON-BLF574 Datasheet
1Mb / 19P
HF / VHF power LDMOS transistor
Rev. 4 ??1 December 2016
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com