Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

BLF978P Datasheet(PDF) 10 Page - Ampleon Netherlands B.V.

Part # BLF978P
Description  HF / VHF power LDMOS transistor
PDF  15 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  AMPLEON [Ampleon Netherlands B.V.]
Direct Link  https://www.ampleon.com
Logo AMPLEON - Ampleon Netherlands B.V.

BLF978P Datasheet(HTML) 10 Page - Ampleon Netherlands B.V.

Back Button BLF978P Datasheet HTML 6Page - Ampleon Netherlands B.V. BLF978P Datasheet HTML 7Page - Ampleon Netherlands B.V. BLF978P Datasheet HTML 8Page - Ampleon Netherlands B.V. BLF978P Datasheet HTML 9Page - Ampleon Netherlands B.V. BLF978P Datasheet HTML 10Page - Ampleon Netherlands B.V. BLF978P Datasheet HTML 11Page - Ampleon Netherlands B.V. BLF978P Datasheet HTML 12Page - Ampleon Netherlands B.V. BLF978P Datasheet HTML 13Page - Ampleon Netherlands B.V. BLF978P Datasheet HTML 14Page - Ampleon Netherlands B.V. Next Button
Zoom Inzoom in Zoom Outzoom out
 10 / 15 page
background image
BLF978P
All information provided in this document is subject to legal disclaimers.
© Ampleon Netherlands B.V. 2020. All rights reserved.
Product data sheet
Rev. 1 — 3 April 2020
10 of 15
BLF978P
HF / VHF power LDMOS transistor
VDS =50V; IDq =2  50 mA; f = 225 MHz; at PL(2dB).VDS =50V; IDq =2  50 mA; f = 225 MHz; at PL(2dB).
Fig 15. Drain efficiency as a function of temperature;
typical values
Fig 16. Power gain as a function of temperature;
typical values
VDS =50V; IDq =2  50 mA; f = 225 MHz; at PL(2dB).
Fig 17. Output power as a function of temperature; typical values
amp01290
0
20
40
60
80
100
79.2
79.6
80
80.4
80.8
81.2
81.6
T (°C)
ηD
ηD
(%)
(%)
(%)
amp01291
0
20
40
60
80
100
23.8
24
24.2
24.4
24.6
24.8
T (°C)
Gp
Gp
(dB)
(dB)
(dB)
amp01292
0
20
40
60
80
100
1200
1220
1240
1260
1280
1300
T (°C)
PL
PL
(W)
(W)
(W)



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com