Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

BLF978P Datasheet(PDF) 9 Page - Ampleon Netherlands B.V.

Part # BLF978P
Description  HF / VHF power LDMOS transistor
PDF  15 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  AMPLEON [Ampleon Netherlands B.V.]
Direct Link  https://www.ampleon.com
Logo AMPLEON - Ampleon Netherlands B.V.

BLF978P Datasheet(HTML) 9 Page - Ampleon Netherlands B.V.

Back Button BLF978P Datasheet HTML 5Page - Ampleon Netherlands B.V. BLF978P Datasheet HTML 6Page - Ampleon Netherlands B.V. BLF978P Datasheet HTML 7Page - Ampleon Netherlands B.V. BLF978P Datasheet HTML 8Page - Ampleon Netherlands B.V. BLF978P Datasheet HTML 9Page - Ampleon Netherlands B.V. BLF978P Datasheet HTML 10Page - Ampleon Netherlands B.V. BLF978P Datasheet HTML 11Page - Ampleon Netherlands B.V. BLF978P Datasheet HTML 12Page - Ampleon Netherlands B.V. BLF978P Datasheet HTML 13Page - Ampleon Netherlands B.V. Next Button
Zoom Inzoom in Zoom Outzoom out
 9 / 15 page
background image
BLF978P
All information provided in this document is subject to legal disclaimers.
© Ampleon Netherlands B.V. 2020. All rights reserved.
Product data sheet
Rev. 1 — 3 April 2020
9 of 15
BLF978P
HF / VHF power LDMOS transistor
IDq =2  50 mA; f = 225 MHz; tp = 100 s;  =10%.
(1) VDS = 50 V
(2) VDS = 45 V
(3) VDS = 40 V
(4) VDS = 35 V
(5) VDS = 30 V
IDq =2  50 mA; f = 225 MHz; tp = 100 s;  =10%.
(1) VDS = 50 V
(2) VDS = 45 V
(3) VDS = 40 V
(4) VDS = 35 V
(5) VDS = 30 V
Fig 11. Power gain as a function of output power;
typical values
Fig 12. Drain efficiency as a function of output power;
typical values
VDS = 50 V; f = 225 MHz; tp = 100 s;  =10 %.
(1) IDq = 2  50 mA
(2) IDq = 2  200 mA
(3) IDq = 2  400 mA
(4) IDq = 2  800 mA
(5) IDq = 2  1400 mA
VDS = 50 V; f = 225 MHz; tp = 100 s;  =10%.
(1) IDq = 2  50 mA
(2) IDq = 2  200 mA
(3) IDq = 2  400 mA
(4) IDq = 2  800 mA
(5) IDq = 2  1400 mA
Fig 13. Power gain as a function of output power;
typical values
Fig 14. Drain efficiency as a function of output power;
typical values
amp01286
0
300
600
900
1200
1500
21
22
23
24
25
26
27
PL (W)
Gp
Gp
(dB)
(dB)
(dB)
(1)
(1)
(1)
(2)
(2)
(2)
(3)
(3)
(3)
(4)
(4)
(4)
(5)
(5)
(5)
amp01287
0
300
600
900
1200
1500
10
30
50
70
90
PL (W)
ηD
ηD
(%)
(%)
(%)
(1)
(1)
(1)
(2)
(2)
(2)
(3)
(3)
(3)
(4)
(4)
(4)
(5)
(5)
(5)
amp01288
0
300
600
900
1200
1500
22
23
24
25
26
27
28
PL (W)
Gp
Gp
(dB)
(dB)
(dB)
(5)
(5)
(5)
(4)
(4)
(4)
(3)
(3)
(3)
(2)
(2)
(2)
(1)
(1)
(1)
amp01289
0
300
600
900
1200
1500
10
30
50
70
90
PL (W)
ηD
ηD
(%)
(%)
(%)
(1)
(1)
(1)
(2)
(2)
(2)
(3)
(3)
(3)
(4)
(4)
(4)
(5)
(5)
(5)



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com