Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

BLF978P Datasheet(PDF) 12 Page - Ampleon Netherlands B.V.

Part # BLF978P
Description  HF / VHF power LDMOS transistor
PDF  15 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  AMPLEON [Ampleon Netherlands B.V.]
Direct Link  https://www.ampleon.com
Logo AMPLEON - Ampleon Netherlands B.V.

BLF978P Datasheet(HTML) 12 Page - Ampleon Netherlands B.V.

Back Button BLF978P Datasheet HTML 7Page - Ampleon Netherlands B.V. BLF978P Datasheet HTML 8Page - Ampleon Netherlands B.V. BLF978P Datasheet HTML 9Page - Ampleon Netherlands B.V. BLF978P Datasheet HTML 10Page - Ampleon Netherlands B.V. BLF978P Datasheet HTML 11Page - Ampleon Netherlands B.V. BLF978P Datasheet HTML 12Page - Ampleon Netherlands B.V. BLF978P Datasheet HTML 13Page - Ampleon Netherlands B.V. BLF978P Datasheet HTML 14Page - Ampleon Netherlands B.V. BLF978P Datasheet HTML 15Page - Ampleon Netherlands B.V.  
Zoom Inzoom in Zoom Outzoom out
 12 / 15 page
background image
BLF978P
All information provided in this document is subject to legal disclaimers.
© Ampleon Netherlands B.V. 2020. All rights reserved.
Product data sheet
Rev. 1 — 3 April 2020
12 of 15
BLF978P
HF / VHF power LDMOS transistor
10. Handling information
[1]
CDM classification C2A is granted to any part that passes after exposure to an ESD pulse of 500 V.
[2]
HBM classification 2 is granted to any part that passes after exposure to an ESD pulse of 2000 V.
11. Abbreviations
12. Revision history
CAUTION
This device is sensitive to ElectroStatic Discharge (ESD). Observe precautions for handling
electrostatic sensitive devices.
Such precautions are described in the ANSI/ESD S20.20, IEC/ST 61340-5, JESD625-A or
equivalent standards.
Table 11.
ESD sensitivity
ESD model
Class
Charged Device Model (CDM); According to ANSI/ESDA/JEDEC standard JS-002
C2A [1]
Human Body Model (HBM); According to ANSI/ESDA/JEDEC standard JS-001
2 [2]
Table 12.
Abbreviations
Acronym
Description
CW
Continuous Wave
HF
High Frequency
LDMOS
Laterally Diffused Metal-Oxide Semiconductor
MTF
Median Time to Failure
RoHS
Restriction of Hazardous Substances
SMD
Surface Mounted Device
VHF
Very High Frequency
VSWR
Voltage Standing Wave Ratio
Table 13.
Revision history
Document ID
Release date
Data sheet status
Change notice
Supersedes
BLF978P v.1
20200403
Product data sheet
-
-



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com