Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

ADE7913 Datasheet(PDF) 38 Page - Analog Devices

Part # ADE7913
Description  3-Channel, Isolated, Sigma-Delta ADC with SPI
PDF  41 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  AD [Analog Devices]
Direct Link  http://www.analog.com
Logo AD - Analog Devices

ADE7913 Datasheet(HTML) 38 Page - Analog Devices

Back Button ADE7913 Datasheet HTML 33Page - Analog Devices ADE7913 Datasheet HTML 34Page - Analog Devices ADE7913 Datasheet HTML 35Page - Analog Devices ADE7913 Datasheet HTML 36Page - Analog Devices ADE7913 Datasheet HTML 37Page - Analog Devices ADE7913 Datasheet HTML 38Page - Analog Devices ADE7913 Datasheet HTML 39Page - Analog Devices ADE7913 Datasheet HTML 40Page - Analog Devices ADE7913 Datasheet HTML 41Page - Analog Devices  
Zoom Inzoom in Zoom Outzoom out
 38 / 41 page
background image
ADE7912/ADE7913
Data Sheet
Rev. C | Page 38 of 41
REGISTER LIST
In Table 13 to Table 20, R means a register can be read, and W means a register can be written. U means an unsigned register, and S
means a signed register in twos complement format.
Table 13. Register List
Address
Register Name
R/W
Bit
Length
Type
Default
Value
Description
0x0
IWV
R
24
S
0x000000
Instantaneous value of Current I.
0x1
V1WV
R
24
S
0x000000
Instantaneous value of Voltage V1.
0x2
V2WV
R
24
S
0x000000
Instantaneous value of Voltage V2.
0x3
Reserved
R
24
S
0x000000
Reserved. This location always reads 0x000000.
0x4
ADC_CRC
R
16
U
N/A
CRC value of IWV, V1WV, and V2WV registers. See the CRC of
ADC Output Values section for details.
0x5
CTRL_CRC
R
16
U
N/A
CRC value of configuration registers. See the CRC of
Configuration Registers for details.
0x6
Reserved
R
16
S
0x0000
Reserved. This location always reads 0x0000.
0x7
CNT_SNAPSHOT
R
16
U
0x00
Snapshot value of the counter used in synchronization operation.
See Table 14 and the Synchronizing Multiple
ADE7912/ADE7913 Devices section for details.
0x8
CONFIG
R/W
8
U
0
Configuration register. See Table 15 for details.
0x9
STATUS0
R
8
U
0x01
Status register. See Table 16 for details.
0xA
Lock
W
8
U
0x00
Memory protection register. See the Protecting the Integrity
of Configuration Registers section and Table 17 for details.
0xB
SYNC_SNAP
W
8
U
0x00
Synchronization register. See Table 18 for details.
0xC
COUNTER0
R/W
8
U
N/A
Contains the least significant eight bits of the internal
synchronization counter.
0xD
COUNTER1
R/W
8
U
N/A
COUNTER1[3:0] bits contain the most significant four bits of
the internal synchronization counter. See the Synchronizing
Multiple ADE7912/ADE7913 Devices section for details.
0xE
EMI_CTRL
R/W
8
U
0xFF
EMI control register. Manages the PWM control block of the
isolated dc-to-dc converter to reduce EMI emissions (see
Table 19 and the DC-to-DC Converter section for details).
0xF
STATUS1
R
8
U
0x00
Status register. See Table 20 for details.
0x10, 0x11
Reserved
R/W
8
U
0x00
For proper operation, do not write to these registers.
0x12, 0x13
Reserved
R
8
U
0x00
Reserved registers.
0x14
Reserved
No functionality assigned at this address.
0x15, 0x16,
0x17
Reserved
R
8
U
0x00
Reserved registers.
0x18
TEMPOS
R
8
S
N/A
Temperature sensor offset. See the Temperature Sensor
section for more information.
Table 14. CNT_SNAPSHOT Register (Address 0x7)
Bit Location
Bit Name
Default Value
Description
11:0
Counter
0x000
Snapshot value of the counter used in synchronization operation.
15:12
Reserved
0000
Reserved. These bits do not represent any functionality.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com