Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

ADE7913 Datasheet(PDF) 28 Page - Analog Devices

Part # ADE7913
Description  3-Channel, Isolated, Sigma-Delta ADC with SPI
PDF  41 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  AD [Analog Devices]
Direct Link  http://www.analog.com
Logo AD - Analog Devices

ADE7913 Datasheet(HTML) 28 Page - Analog Devices

Back Button ADE7913 Datasheet HTML 24Page - Analog Devices ADE7913 Datasheet HTML 25Page - Analog Devices ADE7913 Datasheet HTML 26Page - Analog Devices ADE7913 Datasheet HTML 27Page - Analog Devices ADE7913 Datasheet HTML 28Page - Analog Devices ADE7913 Datasheet HTML 29Page - Analog Devices ADE7913 Datasheet HTML 30Page - Analog Devices ADE7913 Datasheet HTML 31Page - Analog Devices ADE7913 Datasheet HTML 32Page - Analog Devices Next Button
Zoom Inzoom in Zoom Outzoom out
 28 / 41 page
background image
ADE7912/ADE7913
Data Sheet
Rev. C | Page 28 of 41
SYNCHRONIZING MULTIPLE ADE7912/ADE7913
DEVICES
The ADE7912/ADE7913 allow the user to sample all currents
and voltages simultaneously and to provide coherent ADC
output samples, which is a highly desired feature in polyphase
metering systems. The electromagnetic interference (EMI)
reduction scheme managed by the EMI_CTRL register (see
the DC-to-DC Converter section for details) requires that the
ADE7912/ADE7913 provide coherent samples.
The ADE7912/ADE7913 in Polyphase Energy Meters section
describes how a polyphase energy meter containing multiple
ADE7912/ADE7913 devices can use one crystal to clock all the
ADE7912/ADE7913 devices. At power-up, only one ADE7912/
ADE7913 device is clocked from the crystal, as the other devices
are set to receive the clock from the CLKOUT/DREADY pin of
the first ADE7912/ADE7913 device. This pin has DREADY
functionality enabled by default. In Figure 34, Figure 36, and
Figure 37, the ADE7912/ADE7913 device on Phase A is clocked
from the crystal, and the CLKOUT/DREADY pin generates the
DREADY signal. The other ADE7912/ADE7913 devices are
clocked by the DREADY signal because the CLKOUT signal has
not yet been received by their XTAL1 pins. The microcontroller
enables CLKOUT functionality when Bit 0 (CLKOUT_EN) is
set to 1 in the CONFIG register. This operation ensures that the
other ADE7912/ADE7913 devices in the system receive the same
clock as the ADE7912/ADE7913 on Phase A and that all ADCs
within all ADE7912/ADE7913 devices in the system sample
data at the same exact moment.
As an alternative to using one crystal, the microcontroller can
generate a clock signal to the XTAL1 pins of every ADE7912/
ADE7913, ensuring precise ADC sampling synchronization
(see Figure 35).
To configure all ADE7912/ADE7913 devices in an energy meter
to provide coherent ADC output samples, that is, samples obtained
in the same output cycle, all ADE7912/ADE7913 devices must
have the same ADC output frequency and the outputs must be
synchronized. Bits[5:4] (ADC_FREQ) in the CONFIG register
select the ADC output frequency; therefore, they must be
initialized to the same value (see the ADC Output Values
section for more details).
To synchronize the ADC outputs, that is, to set all ADE7912/
ADE7913 devices to generate ADC outputs at the same exact
moment (after power-up), the microcontroller must broadcast a
write to the 8-bit SYNC_SNAP register with the value 0x01. All
ADE7912/ADE7913 devices then start a new ADC output period
simultaneously when Bit 0 (sync) of the SYNC_SNAP register is
written. The sync bit clears itself to 0 after one CLKIN cycle.
As shown in Figure 34, Figure 36, and Figure 37, the CLKOUT/
DREADY pin of one ADE7912/ADE7913 is connected to an
I/O input of the microcontroller. This ADE7912/ADE7913
device has Bit 0 (CLKOUT_EN) in the CONFIG register set to
the default value, 0, to enable the DREADY functionality. When
the ADC output period starts, the CLKOUT/DREADY pin goes
low for 64 CLKIN cycles (15.625 µs when CLKIN = 4.096 MHz),
signaling that all ADC outputs from all ADE7912/ADE7913
devices are available and the microcontroller must start reading
them. It is recommended that the SPI read in burst mode ensure
that all data is read in the shortest amount of time.
The ADE7912/ADE7913 contain an internal 12-bit counter that
functions at the CLKIN frequency. The counter is synchronized
with the ADC output period and the CLKOUT/DREADY pin.
When a new output period starts, the counter starts decreasing
from a value determined by Bits[5:4] (ADC_FREQ) in the
CONFIG register. Table 12 shows these values.
Table 12. Counter Initial Values as a Function of
ADC_FREQ Bits
Bits[5:4]
(ADC_FREQ)
in CONFIG
Register
ADC
Output
Frequency
(kHz)
Counter C0
Initial Value
(CLKIN =
4.096 MHz)
Counter C0
Initial Value as
a Function of
CLKIN
00
8
511
1
8000
−
CLKIN
01
4
1023
1
4000
−
CLKIN
10
2
2047
1
2000
−
CLKIN
11
1
4095
1
1000
−
CLKIN



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com