Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

ADE7913 Datasheet(PDF) 20 Page - Analog Devices

Part # ADE7913
Description  3-Channel, Isolated, Sigma-Delta ADC with SPI
PDF  41 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  AD [Analog Devices]
Direct Link  http://www.analog.com
Logo AD - Analog Devices

ADE7913 Datasheet(HTML) 20 Page - Analog Devices

Back Button ADE7913 Datasheet HTML 16Page - Analog Devices ADE7913 Datasheet HTML 17Page - Analog Devices ADE7913 Datasheet HTML 18Page - Analog Devices ADE7913 Datasheet HTML 19Page - Analog Devices ADE7913 Datasheet HTML 20Page - Analog Devices ADE7913 Datasheet HTML 21Page - Analog Devices ADE7913 Datasheet HTML 22Page - Analog Devices ADE7913 Datasheet HTML 23Page - Analog Devices ADE7913 Datasheet HTML 24Page - Analog Devices Next Button
Zoom Inzoom in Zoom Outzoom out
 20 / 41 page
background image
ADE7912/ADE7913
Data Sheet
Rev. C | Page 20 of 41
ADC Transfer Function
All ADCs in the ADE7912/ADE7913 produce 24-bit signed
output codes. With a full-scale input signal of 31.25 mV on the
current channel and 0.5 V on the voltage channels, and with
an internal reference of 1.2 V, the ADC output code is nominally
5,320,000 and usually varies for each ADE7912/ADE7913 around
this value. The code from the ADC can vary between 0x800000
(−8,388,608) and 0x7FFFFF (+8,388,607); this is equivalent to
an input signal level of ±49.27 mV on the current channel and
±0.788 V on the voltage channels. However, for specified
performance, do not exceed the nominal range of ±31.25 mV
for the current channel and ±500 mV for the voltage channels;
ADC performance is guaranteed only for input signals within
these limits. For input signals outside these limits, the digital
low-pass filter of the ADCs (see Figure 25) overflows.
ADC Output Values
The ADC output values are stored in three 24-bit signed
registers, IWV, V1WV, and V2WV, at a rate defined by Bits[5:4]
(ADC_FREQ) in the CONFIG register. The output frequency is
8 kHz (CLKIN/512), 4 kHz (CLKIN/1024), 2 kHz (CLKIN/2048),
or 1 kHz (CLKIN/4096) based on ADC_FREQ being equal to
00, 01, 10, or 11, respectively, when CLKIN is 4.096 MHz.
The microcontroller reads the ADC output registers one at a time
or in burst mode. See the SPI Read Operation section and the
SPI Read Operation in Burst Mode section for more information.
REFERENCE CIRCUIT
The nominal reference voltage at the REF pin is 1.2 V. This
reference voltage is used for the ADCs in the ADE7912/
ADE7913. Because the on-chip dc-to-dc converter cannot
supply external loads, the REF pin cannot be overdriven by
a standalone external voltage reference.
The voltage of the ADE7912/ADE7913 reference drifts slightly
with temperature. Table 1 lists the gain drift over temperature
specification of each ADC channel. This value includes the
temperature variation of the ADC gain, together with the
temperature variation of the internal voltage reference.
CRC OF ADC OUTPUT VALUES
Every output cycle, the ADE7912/ADE7913 compute the cyclic
redundancy check (CRC) of the ADC output values stored in
the IWV, V1WV, and V2WV registers. Bits[5:4] (ADC_FREQ)
in the CONFIG register determine the ADC output frequency
and, therefore, the update rate of the CRC.
The CRC algorithm is based on the CRC-16-CCITT algorithm.
The registers are introduced into a linear feedback shift register
(LFSR) based generator one byte at a time, least significant byte
first, as shown in Figure 28. Each byte is then used with the most
significant bit first. The 16-bit result is written in the ADC_CRC
register.
When Bits[5:4] (ADC_FREQ) in the CONFIG register are set
to 00, the ADC output frequency is 8 kHz and the ADC_CRC
register contains the CRC of the IWV, V1WV, and V2WV registers
generated during the same ADC output cycle. When ADC_FREQ
bits are set to 01, 10 or 11, the ADC output frequency is 4 kHz,
2 kHz, and 1 kHz, respectively and the ADC_CRC register contains
the CRC of the IWV, V1WV, and V2WV registers generated
during the previous ADC output cycle.
+
LFSR
GENERATOR
a71
a48 a47
a24 a23
a0
0
7
8
15
16
23
IWV REGISTER
07
815
16
23
0
7
8
15
16
23
V1WV REGISTER
V2WV REGISTER
07
815
16
23
0
7
8
15
16
23
07
815
16
23
Figure 28. CRC Calculation of ADC Output Values
b0
LFSR
FB
g0
g1
g2
g15
b1
g3
b2
b15
a71, a70,....,a2, a1, a0
Figure 29. LFSR Generator Used for ADC_CRC Calculation
Figure 29 shows how the LFSR works. The IWV, V1WV, and
V2WV registers form the [a71, a70,…, a0] bits used by the LFSR.
Bit a0 is Bit 7 of the first register to enter the LFSR; Bit a71 is
Bit 16 of V2WV, the last register to enter the LFSR. The formulas
that govern the LFSR are as follows:
bi(0) = 1, where i = 0, 1, 2, …, 15, the initial state of the bits that
form the CRC. Bit b0 is the least significant bit, and Bit b15 is the
most significant bit.
gi, where i = 0, 1, 2, …, 15 are the coefficients of the generating
polynomial defined by the CRC-16-CCITT algorithm as
follows:
G(x) = x16 + x12 + x5 + 1
(1)
g0 = g5 = g12 = 1
(2)
All other gi coefficients are equal to 0.
FB(j) = aj − 1 XOR b15(j − 1)
(3)
b0(j) = FB(j) AND g0
(4)
bi(j) = FB(j) AND gi XOR bi − 1(j − 1), i = 1, 2, 3, …, 15
(5)
Equation 3, Equation 4, and Equation 5 must be repeated for j =
1, 2, …, 72. The value written into the ADC_CRC register contains
Bit bi(72), i = 0, 1, …, 15.
The ADC_CRC register can be read by executing an SPI register
read access or as part of the SPI burst mode read operation. See
the SPI Read Operation section and the SPI Read Operation in
Burst Mode section for more details.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com