Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

ADE7913 Datasheet(PDF) 29 Page - Analog Devices

Part # ADE7913
Description  3-Channel, Isolated, Sigma-Delta ADC with SPI
PDF  41 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  AD [Analog Devices]
Direct Link  http://www.analog.com
Logo AD - Analog Devices

ADE7913 Datasheet(HTML) 29 Page - Analog Devices

Back Button ADE7913 Datasheet HTML 25Page - Analog Devices ADE7913 Datasheet HTML 26Page - Analog Devices ADE7913 Datasheet HTML 27Page - Analog Devices ADE7913 Datasheet HTML 28Page - Analog Devices ADE7913 Datasheet HTML 29Page - Analog Devices ADE7913 Datasheet HTML 30Page - Analog Devices ADE7913 Datasheet HTML 31Page - Analog Devices ADE7913 Datasheet HTML 32Page - Analog Devices ADE7913 Datasheet HTML 33Page - Analog Devices Next Button
Zoom Inzoom in Zoom Outzoom out
 29 / 41 page
background image
Data Sheet
ADE7912/ADE7913
Rev. C | Page 29 of 41
ADE7912C
ADE7913C
ADE7912B
ADE7913B
ADE7912A
ADE7913A
C0
C0
C0
CA
DREADY
ADC CYCLE 0
ADC CYCLE 1
ADC CYCLE 2
ADC CYCLE 3
ADC CYCLE 4
CB
CC
SYNC_SNAP = 0x02
CA, CB, CC
ARE READ
ALL ADE7912/ADE7913s
ARE IN SYNC
ADE7912B/ADE7913B COUNTER
STARTS FROM A NEW VALUE
ADE7912A/ADE7913A
COUNTER
STARTS FROM A
NEW VALUE
NEW CA = C0 + CC – CA IS WRITTEN (CC < CA)
NEW CB = CC – CB IS WRITTEN (CC > CB)
*
*
Figure 43. Synchronizing Phase A and Phase B ADE7912/ADE7913 Devices with Phase C ADE7912/ADE7913
0
7
8
COUNTER VALUE
11
0000
12
15
Figure 44. CNT_SNAPSHOT Register
The 8-bit SYNC_SNAP register latches the value of the counter
when it is written with 0x02, that is, Bit 1 (snap) set to 1. A
broadcast write to all ADE7912/ADE7913 devices ensures that
all the counters of every ADE7912/ADE7913 are latched at the
same moment. The snap bit clears itself to 0 after one CLKIN
cycle. The values of the counters offer a measure of the ADC
output synchronization across all ADE7912/ADE7913 devices.
Ideally, the values must be perfectly equal, indicating that all
ADE7912/ADE7913 devices are fully synchronized. In reality,
due to the uncertainty between the SPI clock generated by the
microcontroller and the ADE7912/ADE7913 CLKIN, a ±1
count difference between counters is acceptable. The 12-bit
counter is accessed via the 16-bit CNT_SNAPSHOT register
(see Figure 44).
If the internal counter of one ADE7912/ADE7913 device does
not have a value correlated with the values of the counters of the
other ADE7912/ADE7913 devices, this means that the ADC
outputs of one phase are no longer synchronized with the ADC
outputs from the other phases. The ADE7912/ADE7913 provide
two options to resynchronize all the ADE7912/ADE7913 devices.
One option is to broadcast a write to the 8-bit SYNC_SNAP
register with the value 0x01. This action immediately forces all
ADE7912/ADE7913 devices to start an ADC output cycle simul-
taneously. However, all phases present ADC output distortions
of various degrees, a function of when a SYNC_SNAP = 0x01 write
is executed within the current output period. Therefore, it is
recommended that this command be executed at power-up or
after a hardware or software reset.
The other option is to compute a new starting value for the internal
counter of the ADE7912/ADE7913 device that is out of synchroni-
zation. This value forces the internal counter to start a new ADC
output cycle, counting down from it, and end simultaneously with
the other counters of the other ADE7912/ ADE7913 devices. The
12-bit value is stored in two 8-bit registers, COUNTER1 and
COUNTER0 (see Figure 45). COUNTER0 contains the least
significant eight bits and must be written first. COUNTER1
contains the four most significant bits and must be written after
COUNTER0. The advantage of this option compared to writing
SYNC_SNAP = 0x01 is that only the ADC outputs of out of sync
phases are affected. The other phases already in synchronization
remain unaffected. As a general rule, it is recommended that
the synchronization of the ADE7912/ADE7913 devices be
verified every couple of seconds.
8-BIT UNSIGNED
NUMBER
0
7
0
7
8
COUNTER[11:0]
0
7
COUNTER1[7:0]
11
COUNTER0[7:0]
3
4
0000
4-BIT UNSIGNED
NUMBER
Figure 45. Counter Start Value Communicated Using Two 8-Bit Registers
Consider the example shown in Figure 43: the Phase A, Phase B,
and Phase C counters of three ADE7912/ADE7913 devices are
shown for the meter configuration shown in Figure 34. All three
phases are out of synchronization. It is desirable to synchronize
the Phase A and Phase B ADE7912/ADE7913 devices with the
Phase C ADE7912/ADE7913, which is considered the reference
because it generates the DREADY signal.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com