Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

ADE7913 Datasheet(PDF) 21 Page - Analog Devices

Part # ADE7913
Description  3-Channel, Isolated, Sigma-Delta ADC with SPI
PDF  41 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  AD [Analog Devices]
Direct Link  http://www.analog.com
Logo AD - Analog Devices

ADE7913 Datasheet(HTML) 21 Page - Analog Devices

Back Button ADE7913 Datasheet HTML 17Page - Analog Devices ADE7913 Datasheet HTML 18Page - Analog Devices ADE7913 Datasheet HTML 19Page - Analog Devices ADE7913 Datasheet HTML 20Page - Analog Devices ADE7913 Datasheet HTML 21Page - Analog Devices ADE7913 Datasheet HTML 22Page - Analog Devices ADE7913 Datasheet HTML 23Page - Analog Devices ADE7913 Datasheet HTML 24Page - Analog Devices ADE7913 Datasheet HTML 25Page - Analog Devices Next Button
Zoom Inzoom in Zoom Outzoom out
 21 / 41 page
background image
Data Sheet
ADE7912/ADE7913
Rev. C | Page 21 of 41
TEMPERATURE SENSOR
The ADE7912/ADE7913 contain a temperature sensor that is
multiplexed with the V2P input of the voltage channel. Bit 3
(TEMP_EN) of the CONFIG register selects what the third
ADC of the ADE7913 measures. If the TEMP_EN bit is 0, the
default value, the ADC measures the voltage between the V2P
and VM pins. If the TEMP_EN bit is 1, the ADC measures the
temperature sensor. In the case of the ADE7912, the ADC always
measures the temperature sensor, and the state of the TEMP_EN
bit has no significance. In both the ADE7912 and the ADE7913,
the conversion result is stored in the V2WV register. The time it
takes for the temperature sensor measurement to settle after the
TEMP_EN bit is set to 1 is 5 ms.
In the microcontroller, the expression calculates the temperature
in degrees Celsius is:
Temperature =
Gain × V2WV + 8.72101 × 10−5 × TEMPOS × 211 − 306.47
where:
Temperature is the temperature value measured in degrees
Celsius.
Gain is equal to 8.72101 × 10−5 when Bit 7 (BW) in the
CONFIG register is 0 and 8.21015 × 10−5 when Bit 7 (BW) in
the CONFIG register is 1. See Table 10 for details on Bit 7 (BW)
significance in the context of ADC output frequency selection.
The temperature measurement accuracy is ±5°C.
TEMPOS is the 8-bit signed read-only register in which the
temperature sensor offset is stored. The offset information is
calculated during the manufacturing process, and it is stored
with the opposite sign. For example, if the offset is 5, −5 is
written into the ADE7912/ADE7913. One least significant bit
(LSB) of the TEMPOS register is equivalent to 211 LSBs of the
V2WV register.
Instead of using the default temperature gain value, the gain
can be calibrated as part of the overall meter calibration process.
Measure the temperature, TEMP, of every ADE7912/ADE7913
using a thermocouple. Call it temperature and express it in
degrees Celsius (see Equation 6). Read the V2WV register
containing the temperature sensor reading of every
ADE7912/ADE7913, and compute the gains as follows:
Temperature Gain = Gain =
(Temperature + 306.47)/(V2WV + (k × TEMPOS × 211)) (6)
where k = 1 when Bit 7 (BW) in CONFIG register is 0 and k =
1.062223 when Bit 7 (BW) in CONFIG register is 1.
PROTECTING THE INTEGRITY OF CONFIGURATION
REGISTERS
The configuration registers of the ADE7912/ADE7913 are either
user accessible registers (CONFIG, EMI_CTRL, SYNC_SNAP,
COUNTER0, and COUNTER1) or internal registers. The internal
registers are not user accessible, and they must remain at their
default values. To protect the integrity of all configuration
registers, a write protection mechanism is available.
By default, the protection is disabled and the user accessible
configuration registers can be written without restriction. When
the protection is enabled, no writes to any configuration register
are allowed. The registers can always be read, without restriction,
independent of the write protection state.
To enable the protection, write 0xCA to the 8-bit lock register
(Address 0xA). To disable the protection, write 0x9C to the
8-bit lock register. It is recommended that the write protection
be enabled after the CONFIG and EMI_CTRL registers are
initialized. If any user accessible register must be changed, for
example, during the synchronization process of multiple
ADE7912/ADE7913 devices, disable the protection, change the
value of the register, and then reenable the protection.
CRC OF CONFIGURATION REGISTERS
Every output cycle, the ADE7912/ADE7913 compute the CRC
of the CONFIG, EMI_CTRL, and TEMPOS registers, as well as
Bit 2 (IC_PROT) of the STATUS0 register, and Bit 7 of the
STATUS1 register. The CRC algorithm is called CRC-16-
CCITT. The 16-bit result is written in the CTRL_CRC register.
The input registers to the CRC circuit form a 64-bit array that is
introduced bit by bit into an LFSR-based generator, similar to
Figure 28 and Figure 29, with one byte at a time, least significant
byte first. Each byte is then processed with the most significant bit
first.
The formulas that govern the LFSR are as follows:
bi(0) = 1, where i = 0, 1, 2, …, 15, the initial state of the bits that
form the CRC. Bit b0 is the least significant bit, and Bit b15 is the
most significant bit.
gi, where i = 0, 1, 2, …, 15 are the coefficients of the generating
polynomial defined by the CRC-16-CCITT algorithm in
Equation 1 and Equation 2.
FB(j) = aj − 1 XOR b15(j − 1)
(7)
b0(j) = FB(j) AND g0
(8)
bi(j) = FB(j) AND gi XOR bi − 1(j − 1), i = 1, 2, 3, … , 15 (9)
Equation 7, Equation 8, and Equation 9 must be repeated for
j = 1, 2, … , 64. The value written into the CTRL_CRC register
contains Bit bi(64), i = 0, 1, …, 15. Because each ADE7912/
ADE7913 has a particular TEMPOS register value, each ADE7912/
ADE7913 has a different CTRL_CRC register default value.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com