Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

ADE7913 Datasheet(PDF) 26 Page - Analog Devices

Part # ADE7913
Description  3-Channel, Isolated, Sigma-Delta ADC with SPI
PDF  41 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  AD [Analog Devices]
Direct Link  http://www.analog.com
Logo AD - Analog Devices

ADE7913 Datasheet(HTML) 26 Page - Analog Devices

Back Button ADE7913 Datasheet HTML 22Page - Analog Devices ADE7913 Datasheet HTML 23Page - Analog Devices ADE7913 Datasheet HTML 24Page - Analog Devices ADE7913 Datasheet HTML 25Page - Analog Devices ADE7913 Datasheet HTML 26Page - Analog Devices ADE7913 Datasheet HTML 27Page - Analog Devices ADE7913 Datasheet HTML 28Page - Analog Devices ADE7913 Datasheet HTML 29Page - Analog Devices ADE7913 Datasheet HTML 30Page - Analog Devices Next Button
Zoom Inzoom in Zoom Outzoom out
 26 / 41 page
background image
ADE7912/ADE7913
Data Sheet
Rev. C | Page 26 of 41
SPI-COMPATIBLE INTERFACE
The SPI of the ADE7912/ADE7913 is the slave of the communi-
cation and consists of four pins: SCLK, MOSI, MISO, and CS.
The serial clock for a data transfer is applied at the SCLK logic
input. All data transfer operations synchronize to the serial
clock. Data shifts into the ADE7912/ADE7913 at the MOSI
logic input on the falling edge of SCLK, and the ADE7912/
ADE7913 sample the data on the rising edge of SCLK. Data
shifts out of the ADE7912/ADE7913 at the MISO logic output
on the falling edge of SCLK and can be sampled by the master
device on the rising edge of SCLK. The most significant bit of the
word is shifted in and out first. The maximum and minimum serial
clock frequencies supported by this interface are 5.6 MHz and
250 kHz, respectively. MISO stays in high impedance when no
data is transmitted from the ADE7912/ADE7913.
At power-up or during hardware or software reset, the micro-
controller reads the STATUS0 register to detect when Bit 0
(RESET_ON) clears to 0. Pull the MISO pin high using a 10 kΩ
resistor to ensure the moment when RESET_ON bit becomes 0
is identified. See Figure 38 for details of the connections between
the SPI ports of three ADE7912/ADE7913 devices and a
microcontroller containing an SPI interface.
The CS logic input is the chip select input. Drive the CS input low
for the entire data transfer operation. Bringing CS high during a
data transfer operation leaves the ADE7912/ADE7913 register that
is the object of the data transfer unaffected, but aborts the transfer
and places the serial bus in a high impedance state. A new transfer
can then be initiated by returning the CS logic input to low.
0
7
6
1
0
REGISTER VALUE
SCLK
MOSI
CS
MISO
1
0
ADDR[4:0]
Figure 40. SPI Read Operation of an 8-Bit Register
SCLK
MOSI
CS
MISO
1
0
0
0
0
0
0
0
IWV
CNT_SNAPSHOT
23
0
15
0
Figure 41. SPI Read Operation in Burst Mode
SCLK
MOSI
CS
7
6
1
0
REGISTER VALUE
0
0 0
ADDR[4:0]
Figure 42. SPI Write Operation



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com