Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

EVAL-ADE9430ARDZ Datasheet(PDF) 32 Page - Analog Devices

Part # EVAL-ADE9430ARDZ
Description  High Performance, Polyphase Energy, and Class S Power Quality Monitoring IC
PDF  35 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  AD [Analog Devices]
Direct Link  http://www.analog.com
Logo AD - Analog Devices

EVAL-ADE9430ARDZ Datasheet(HTML) 32 Page - Analog Devices

Back Button EVAL-ADE9430ARDZ Datasheet HTML 27Page - Analog Devices EVAL-ADE9430ARDZ Datasheet HTML 28Page - Analog Devices EVAL-ADE9430ARDZ Datasheet HTML 29Page - Analog Devices EVAL-ADE9430ARDZ Datasheet HTML 30Page - Analog Devices EVAL-ADE9430ARDZ Datasheet HTML 31Page - Analog Devices EVAL-ADE9430ARDZ Datasheet HTML 32Page - Analog Devices EVAL-ADE9430ARDZ Datasheet HTML 33Page - Analog Devices EVAL-ADE9430ARDZ Datasheet HTML 34Page - Analog Devices EVAL-ADE9430ARDZ Datasheet HTML 35Page - Analog Devices  
Zoom Inzoom in Zoom Outzoom out
 32 / 35 page
background image
Data Sheet
ADE9430
THEORY OF OPERATION
analog.com
Rev. 0 | 32 of 35
10 Cycle RMS/12 Cycle RMS
The 10 cycle rms/12 cycle rms measurement is performed over
10 cycles on a 50 Hz network or 12 cycles on a 60 Hz network.
The SELFREQ bit in the ACCMODE register selects whether the
network is 50 Hz or 60 Hz. Then, the UPERIOD_SEL bit in the
CONFIG2 register selects whether to use a measured line period
or a user configured value in the USER_PERIOD register to set the
number of samples used in the calculation.
An offset correction register is available for improved performance
with small input signal levels, xRMS1012OS. The xRMS1012 regis-
ter reading with full-scale inputs is 52,702,092d.
The signal chain is shown in Figure 52. See the ADE9430 Technical
Reference Manual for additional information.
Overcurrent Indication
The ADE9430 monitors the one cycle value on current channels to
determine overcurrent events. If a one cycle rms current is greater
than the user configured threshold in the OILVL register, the OI bit
in the STATUS1 register is set. The overcurrent event generates an
interrupt on the IRQ1 pin.
The OC_EN bits in the CONFIG3 register select which phases to
monitor for overcurrent events. The OIPHASE bits in the OISTATUS
register indicate which current channels exceeded the threshold.
The overcurrent value is stored in the corresponding OIA, OIB, or
OIC registers.
See the ADE9430 Technical Reference Manual for additional infor-
mation.
Peak Detection
The ADE9430 records the peak value measured on the current and
voltage channels from the xI_PCF and xV_PCF waveforms. The
PEAKSEL bits in the CONFIG3 register allow the user to select
which phases to monitor.
The IPEAK register stores the peak current value in the IPEAKVAL
bits and indicates which phase currents reached the value in the
IPPHASE bits. IPEAKVAL is equal to xI_PCF/25.
Similarly, VPEAK stores the peak voltage value in the VPEAKVAL
bits. VPEAKVAL is equal to xV_PCF/25. After a read, the VPEAK
and IPEAK registers reset.
See the ADE9430 Technical Reference Manual for additional infor-
mation.
Power Factor
The power factor calculation, one for each channel (APF, BPF, and
CPF), is updated every 1.024 sec.
The sign of the APF calculation follows the sign of AWATT. To
determine if power factor is leading or lagging, refer to the sign of
the total or fundamental reactive energy and the sign of the xPF or
xWATT value, as indicated in Figure 53.
See the ADE9430 Technical Reference Manual for additional infor-
mation.
Figure 53. Active Power and VAR Sign for Capacitive and Inductive Loads
The power factor result is stored in 5.27 format. The highest power
factor value is 0x07FF FFFF, which corresponds to a power factor
of 1. A power factor of −1 is stored as 0xF800 0000. To determine
the power factor from the xPF register value, use the following
equation:
Power Factor = xPF × 2−27
Total Harmonic Distortion (THD)
A THD calculation is available on the IA, IB, IC, VA, VB, and VC
channels in the ADSW-PQ-CLS Power Quality Library. To request
access to the ADSW-PQ-CLS, fill out the software request form at:
Software Request Form | Analog Devices, where the target technol-
ogy must be power quality monitoring and the processor/system on
chip (SoC) is the ADE9430.
Resampling
The ADE9430 resamples the input data to provide 1024 points
for 10/12 cycles, selected by SELFREQ. The resampled data is
available for all current channels and voltage channels in the
waveform buffer. Each resampled waveform sample is stored as
a 16-bit signed integer in the waveform buffer. See the ADE9430
Technical Reference Manual for additional information.
Temperature
The temperature reading is available in the TEMP_RSLT register.
To convert the temperature range into Celsius, use the following
equation:
Temperature (°C) = TEMP_RSLT × (−TEMP_GAIN/65536) +
(TEMP_OFFSET/32)
During manufacturing of each device, the TEMP_GAIN and
TEMP_OFFSET bits of Register TEMP_TRIM are programed. To



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com