Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

EVAL-ADE9430ARDZ Datasheet(PDF) 1 Page - Analog Devices

Part # EVAL-ADE9430ARDZ
Description  High Performance, Polyphase Energy, and Class S Power Quality Monitoring IC
PDF  35 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  AD [Analog Devices]
Direct Link  http://www.analog.com
Logo AD - Analog Devices

EVAL-ADE9430ARDZ Datasheet(HTML) 1 Page - Analog Devices

  EVAL-ADE9430ARDZ Datasheet HTML 1Page - Analog Devices EVAL-ADE9430ARDZ Datasheet HTML 2Page - Analog Devices EVAL-ADE9430ARDZ Datasheet HTML 3Page - Analog Devices EVAL-ADE9430ARDZ Datasheet HTML 4Page - Analog Devices EVAL-ADE9430ARDZ Datasheet HTML 5Page - Analog Devices EVAL-ADE9430ARDZ Datasheet HTML 6Page - Analog Devices EVAL-ADE9430ARDZ Datasheet HTML 7Page - Analog Devices EVAL-ADE9430ARDZ Datasheet HTML 8Page - Analog Devices EVAL-ADE9430ARDZ Datasheet HTML 9Page - Analog Devices Next Button
Zoom Inzoom in Zoom Outzoom out
 1 / 35 page
background image
Data Sheet
ADE9430
High Performance, Polyphase Energy, and Class S Power Quality Monitoring IC
Rev. 0
DOCUMENT FEEDBACK
TECHNICAL SUPPORT
Information furnished by Analog Devices is believed to be accurate and reliable "as is". However, no responsibility is assumed by Analog
Devices for its use, nor for any infringements of patents or other rights of third parties that may result from its use. Specifications subject to
change without notice. No license is granted by implication or otherwise under any patent or patent rights of Analog Devices. Trademarks and
registered trademarks are the property of their respective owners.
FEATURES
►
7 high performance, 24-bit Σ-Δ ADCs
►
101 dB SNR at 8 kSPS with PGA = 1
►
Wide input voltage range: ±1 V, 707 mV rms full scale at gain
= 1
►
Differential inputs
►
±25 ppm/°C maximum channel drift (including ADC, internal
VREF, PGA drift) enabling 10000:1 dynamic input range, Class
0.2 metrology with standard external components
►
With the optional ADSW-PQ-CLS Power Quality Library, the
complete IEC 61000-4-30 Class S power quality standard is
implemented including:
►
Power frequency 10 sec average
►
Magnitude of the supply
►
Dips and swells
►
Interruptions
►
Rapid voltage change
►
Flicker
►
Mains signaling voltage
►
Underdeviation and overdeviation
►
Voltage and current
►
Magnitude
►
Harmonics
►
Interharmonics
►
Unbalance
►
THD
►
Waveform recording
►
Optional ADSW-PQ-CLS Power Quality Library compatible with
ARM
® Cortex microcontrollers
►
VRMS one-cycle and IRMS one-cycle refreshed each cycle
►
VRMS and IRMS filtered and updated every sample
►
10 cycle rms/12 cycle rms
►
Period registers to calculate line frequency, one per phase
►
Zero crossing and zero-crossing timeout
►
Phase angle measurements
►
Supports CTs
►
Multipoint phase and gain compensations for CTs
►
Rogowski coils with the addition of an external analog integrator
►
Continuous resampled data available
►
Waveform buffer
►
Advanced metrology feature set
►
Total and fundamental active power, volt amperes reactive
(VAR), volt amperes (VA), watthour, VAR hour, and VA hour
►
Total and fundamental IRMS and VRMS
►
Power factor
►
Supports active energy standards: IEC 62053-21 and IEC
62053-22, EN50470-3, OIML R46, and ANSI C12.20
►
Supports reactive energy standards: IEC 62053-23 and IEC
62053-24
►
High speed communication port: 20 MHz SPI
►
Integrated temperature sensor with 12-bit successive approxima-
tion register (SAR) ADC
►
±3°C accuracy from −40°C to +85°C
APPLICATIONS
►
Energy and power monitoring
►
Standards compliant power quality monitoring
►
Protective devices
►
Machine health
►
Smart power distribution units
►
Polyphase energy meters


Similar Part No. - EVAL-ADE9430ARDZ

ManufacturerPart #DatasheetDescription
logo
Analog Devices
EVAL-ADE9000EBZ AD-EVAL-ADE9000EBZ Datasheet
1,004Kb / 73P
High Performance, Multiphase Energy Power Quality Monitoring IC
Rev. A
EVAL-ADE9078EBZ AD-EVAL-ADE9078EBZ Datasheet
2Mb / 108P
High Performance
Rev. 0
More results

Similar Description - EVAL-ADE9430ARDZ

ManufacturerPart #DatasheetDescription
logo
Analog Devices
ADE7752B AD-ADE7752B Datasheet
326Kb / 27P
Polyphase Energy Metering IC with Pulsed Output
ADE7880 AD-ADE7880 Datasheet
1Mb / 104P
Polyphase Multifunction Energy Metering IC
REV. A
ADE7752AAR AD-ADE7752AAR Datasheet
401Kb / 24P
Polyphase Energy Metering IC with Pulse Output
REV. C
ADE7752AARZ AD-ADE7752AARZ Datasheet
401Kb / 24P
Polyphase Energy Metering IC with Pulse Output
REV. C
ADE7752A AD-ADE7752A_15 Datasheet
401Kb / 24P
Polyphase Energy Metering IC with Pulse Output
REV. C
logo
Microchip Technology
MCP39F511 MICROCHIP-MCP39F511 Datasheet
1Mb / 62P
Power-Monitoring IC with Calculation and Energy Accumulation
07/14/15
logo
Analog Devices
ADE9000 AD-ADE9000 Datasheet
1,004Kb / 73P
High Performance, Multiphase Energy Power Quality Monitoring IC
Rev. A
logo
Sames
SA4301A SAMES-SA4301A Datasheet
636Kb / 23P
Polyphase Energy Metering IC with Pulse Outputs
logo
Maxim Integrated Produc...
MAX78630 MAXIM-MAX78630 Datasheet
900Kb / 77P
Energy Measurement Processor for Polyphase Monitoring Systems
Rev 3; 8/14
MAX78615 MAXIM-MAX78615 Datasheet
844Kb / 46P
Isolated Energy Measurement Processor for Polyphase Monitoring Systems
19-7541; Rev 0; 3/15
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com