Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

EVAL-ADE9430ARDZ Datasheet(PDF) 11 Page - Analog Devices

Part # EVAL-ADE9430ARDZ
Description  High Performance, Polyphase Energy, and Class S Power Quality Monitoring IC
PDF  35 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  AD [Analog Devices]
Direct Link  http://www.analog.com
Logo AD - Analog Devices

EVAL-ADE9430ARDZ Datasheet(HTML) 11 Page - Analog Devices

Back Button EVAL-ADE9430ARDZ Datasheet HTML 7Page - Analog Devices EVAL-ADE9430ARDZ Datasheet HTML 8Page - Analog Devices EVAL-ADE9430ARDZ Datasheet HTML 9Page - Analog Devices EVAL-ADE9430ARDZ Datasheet HTML 10Page - Analog Devices EVAL-ADE9430ARDZ Datasheet HTML 11Page - Analog Devices EVAL-ADE9430ARDZ Datasheet HTML 12Page - Analog Devices EVAL-ADE9430ARDZ Datasheet HTML 13Page - Analog Devices EVAL-ADE9430ARDZ Datasheet HTML 14Page - Analog Devices EVAL-ADE9430ARDZ Datasheet HTML 15Page - Analog Devices Next Button
Zoom Inzoom in Zoom Outzoom out
 11 / 35 page
background image
Data Sheet
ADE9430
PIN CONFIGURATION AND FUNCTION DESCRIPTIONS
analog.com
Rev. 0 | 11 of 35
Table 6. Pin Function Descriptions
Pin No.
Mnemonic
Description
27
VDD
Supply Voltage. The VDD pin provides the supply voltage. Decouple VDD to GND with a ceramic 0.1 µF capacitor in parallel with a
10 µF ceramic capacitor.
28
GND
Supply Ground Reference. Connect all grounds (GND, AGND, DGND, and REFGND) together at one point.
29
CLKIN
Crystal/Clock Input. Connect a crystal across CLKIN and CLKOUT to provide a clock source. Alternatively, an external clock can be
provided at this logic input.
30
CLKOUT
Crystal Output. Connect a crystal across CLKIN and CLKOUT to provide a clock source. When using CLKOUT to drive external
circuits, connect an external buffer.
31
IRQ0
Interrupt Request Output. This pin is an active low logic output. See the Interrupts and Events section for information about events
that trigger interrupts.
32
IRQ1
Interrupt Request Output. This pin is an active low logic output. See the Interrupts and Events section for information about events
that trigger interrupts.
33
CF1
Calibration Frequency Logic Output 1. The CF1, CF2, CF3, and CF4 outputs provide power information based on the CFxSEL bits
in the CFMODE register. Use these outputs for operational and calibration purposes. Scale the full-scale output frequency by writing
to the CFxDEN registers (see the Digital to Frequency Conversion—CFx Output section and the ADE9430 Technical Reference
Manual).
34
CF2
CF Logic Output 2. This pin indicates CF2.
35
CF3/ZX
CF Logic Output 3/Zero Crossing. This pin indicates CF3 or zero crossing.
36
CF4/EVENT/DREADY
CF Logic Output 4/Event Pin/Data Ready. This pin indicates CF4, events, or when new data is ready.
37
SCLK
Serial Clock Input for the SPI Port. All serial data transfers synchronize to this clock (see the Accessing On-Chip Data section).
The SCLK pin has a Schmitt trigger input for use with a clock source that has a slow edge transition time, for example, optoisolator
outputs.
38
MISO
Data Output for the SPI Port.
39
MOSI
Data Input for the SPI Port.
40
SS
Chip Select for the SPI Port.
EPAD
Exposed Pad. Create a similar pad on the PCB under the exposed pad. Solder the exposed pad to the pad on the PCB to confer
mechanical strength to the package and connect all grounds (GND, AGND, DGND, and REFGND) together at this point.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com