Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

EVAL-ADE9430ARDZ Datasheet(PDF) 18 Page - Analog Devices

Part # EVAL-ADE9430ARDZ
Description  High Performance, Polyphase Energy, and Class S Power Quality Monitoring IC
PDF  35 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  AD [Analog Devices]
Direct Link  http://www.analog.com
Logo AD - Analog Devices

EVAL-ADE9430ARDZ Datasheet(HTML) 18 Page - Analog Devices

Back Button EVAL-ADE9430ARDZ Datasheet HTML 14Page - Analog Devices EVAL-ADE9430ARDZ Datasheet HTML 15Page - Analog Devices EVAL-ADE9430ARDZ Datasheet HTML 16Page - Analog Devices EVAL-ADE9430ARDZ Datasheet HTML 17Page - Analog Devices EVAL-ADE9430ARDZ Datasheet HTML 18Page - Analog Devices EVAL-ADE9430ARDZ Datasheet HTML 19Page - Analog Devices EVAL-ADE9430ARDZ Datasheet HTML 20Page - Analog Devices EVAL-ADE9430ARDZ Datasheet HTML 21Page - Analog Devices EVAL-ADE9430ARDZ Datasheet HTML 22Page - Analog Devices Next Button
Zoom Inzoom in Zoom Outzoom out
 18 / 35 page
background image
Data Sheet
ADE9430
TYPICAL PERFORMANCE CHARACTERISTICS
analog.com
Rev. 0 | 18 of 35
RMS LINEARITY OVER TEMPERATURE AND RMS ERROR OVER FREQUENCY
RMS linearity obtained with a sinusoidal current and voltage with variable amplitudes from 100% of full scale down to 0.01% of full scale using
a frequency of 50 Hz. Total rms error over frequency obtained with a sinusoidal current amplitude of 10% of full scale and voltage amplitude of
50% of full scale. Fundamental rms error over frequency obtained with a sinusoidal current amplitude of 10% of full scale, a voltage amplitude
of 50% of full scale, and a fifth harmonic with a constant amplitude of 40% of fundamental, unless otherwise noted.
Figure 26. Current RMS Error as a Percentage of Full-Scale Current over
Temperature
Figure 27. One-Cycle Current RMS Error as a Percentage of Full-Scale
Current over Temperature, Data Sourced Before High-Pass Filter and
Calibrated for Offset, Register CONFIG0, Bit RMS_SRC_SEL = 1
Figure 28. 10 Cycle Current RMS/12 Cycle Current Error as a Percentage of
Full-Scale Current over Temperature, Data Sourced Before High-Pass Filter
and Calibrated for Offset, Register CONFIG0, Bit RMS_SRC_SEL = 1
Figure 29. Fundamental Current RMS Error as a Percentage of Full-Scale
Current over Temperature



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com