Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

EVAL-ADE9430ARDZ Datasheet(PDF) 22 Page - Analog Devices

Part # EVAL-ADE9430ARDZ
Description  High Performance, Polyphase Energy, and Class S Power Quality Monitoring IC
PDF  35 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  AD [Analog Devices]
Direct Link  http://www.analog.com
Logo AD - Analog Devices

EVAL-ADE9430ARDZ Datasheet(HTML) 22 Page - Analog Devices

Back Button EVAL-ADE9430ARDZ Datasheet HTML 18Page - Analog Devices EVAL-ADE9430ARDZ Datasheet HTML 19Page - Analog Devices EVAL-ADE9430ARDZ Datasheet HTML 20Page - Analog Devices EVAL-ADE9430ARDZ Datasheet HTML 21Page - Analog Devices EVAL-ADE9430ARDZ Datasheet HTML 22Page - Analog Devices EVAL-ADE9430ARDZ Datasheet HTML 23Page - Analog Devices EVAL-ADE9430ARDZ Datasheet HTML 24Page - Analog Devices EVAL-ADE9430ARDZ Datasheet HTML 25Page - Analog Devices EVAL-ADE9430ARDZ Datasheet HTML 26Page - Analog Devices Next Button
Zoom Inzoom in Zoom Outzoom out
 22 / 35 page
background image
Data Sheet
ADE9430
TERMINOLOGY
analog.com
Rev. 0 | 22 of 35
Crosstalk
Crosstalk is measured by grounding one channel and applying a
full-scale 50 Hz or 60 Hz signal on all other channels. The crosstalk
is equal to the ratio between the grounded ADC output value and its
ADC full-scale output value. The ADC outputs are acquired for 100
sec. Crosstalk is expressed in decibels.
Differential Input Impedance DC
The differential input impedance dc represents the impedance be-
tween the IxP and IxN pair or VxP and VxN pair. It varies with the
PGA gain selection as indicated in the Table 1.
ADC Offset
ADC offset is the difference between the average measured ADC
output code with both inputs connected to GND and the ideal ADC
output code of zero. ADC offset is expressed in mV.
ADC Offset Drift over Temperature
The ADC offset drift is the change in offset over temperature. It is
measured at −40°C, +25°C, and +85°C. Calculate the offset drift
over temperature as follows:
Drift=
max Offset−40°C−Offset+25°C
−40°C−+25°C
,
Offset+85°C −Offset+25°C
+85°C−+25°C
(1)
Offset drift is expressed in µV/°C.
ADC Gain Error
ADC gain error represents the difference between the measured
ADC output code (minus the offset) and the ideal output code when
an external voltage reference of 1.2 V is used. The difference is
expressed as a percentage of the ideal code. It represents the
overall gain error of one channel.
ADC Gain Drift over Temperature
This temperature coefficient includes the temperature variation of
the ADC gain while using an external voltage reference of 1.2 V.
It represents the overall temperature coefficient of one current or
voltage channel. With an external voltage reference of 1.2 V in use,
the ADC gain is measured at −40°C, +25°C, and +85°C. Then, the
temperature coefficient is computed as follows:
Drift=
max Gain−40°C−Gain+25°C
Gain(+25°C)× −40°C−+25°C
,
Gain+85°C −Gain+25°C
Gain(+25°C)× +85°C−+25°C
(2)
Gain drift is measured in ppm/°C.
AC Power Supply Rejection (PSRR)
AC PSRR quantifies the measurement error as a percentage of
reading when the dc power supply is nominal (VNOM) and modu-
lated with ac, and the inputs are grounded. For the ac PSRR
measurement, 20 sec samples are captured with nominal supplies
(3.3 V, which is V1) and a second set (V2) is captured with an
additional ac signal (330 mV peak at 50 Hz) introduced onto the
supplies. Then, the PSRR is expressed as PSRR = 20 log10(V2/
V1).
Signal-to-Noise Ratio (SNR)
SNR is calculated by inputting a 50 Hz signal, and samples are
acquired for 2 sec. The amplitudes for each frequency up to the
bandwidth given in as the ADC output bandwidth (−3 dB) are
calculated. To determine the SNR, the signal at 50 Hz is compared
to the sum of the power from all the other frequencies, removing
power from its harmonics. The value for SNR is expressed in
decibels.
Signal-to-Noise-and-Distortion Ratio (SINAD)
SINAD is calculated by inputting a 50 Hz signal, and samples
are acquired for 2 sec. The amplitudes for each frequency up
to the bandwidth given in as the ADC output bandwidth (−3 dB)
are calculated. To determine the SINAD, the signal at 50 Hz is
compared to the sum of the power from all the other frequencies.
The value for SINAD is expressed in decibels.
Total Harmonic Distortion (THD)
THD is calculated by inputting a 50 Hz signal, and samples are
acquired for over 2 sec. The amplitudes for each frequency up
to the bandwidth given in as the ADC output bandwidth (−3 dB)
are calculated. To determine the THD, the amplitudes of the 50 Hz
harmonics up to the bandwidth are root sum squared. The value for
THD is expressed in decibels.
Spurious-Free Dynamic Range (SFDR)
SFDR is calculated by inputting a 50 Hz signal, and samples are
acquired for over 2 sec. The amplitudes for each frequency up
to the bandwidth given in as the ADC output bandwidth (−3 dB)
are calculated. To determine the SFDR, the amplitude of the largest
signal that is not a harmonic of 50 Hz is recorded. The value for
SFDR is expressed in decibels.
ADC Output Pass Band
The ADC output pass band is the bandwidth within 0.1 dB, resulting
from the digital filtering in the sinc4 and sinc4 + IIR LPF.
ADC Output Bandwidth
The ADC output bandwidth is the bandwidth within −3 dB, resulting
from the digital filtering in the sinc4 and sinc4 + IIR LPF.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com