Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

EVAL-ADE9430ARDZ Datasheet(PDF) 10 Page - Analog Devices

Part # EVAL-ADE9430ARDZ
Description  High Performance, Polyphase Energy, and Class S Power Quality Monitoring IC
PDF  35 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  AD [Analog Devices]
Direct Link  http://www.analog.com
Logo AD - Analog Devices

EVAL-ADE9430ARDZ Datasheet(HTML) 10 Page - Analog Devices

Back Button EVAL-ADE9430ARDZ Datasheet HTML 6Page - Analog Devices EVAL-ADE9430ARDZ Datasheet HTML 7Page - Analog Devices EVAL-ADE9430ARDZ Datasheet HTML 8Page - Analog Devices EVAL-ADE9430ARDZ Datasheet HTML 9Page - Analog Devices EVAL-ADE9430ARDZ Datasheet HTML 10Page - Analog Devices EVAL-ADE9430ARDZ Datasheet HTML 11Page - Analog Devices EVAL-ADE9430ARDZ Datasheet HTML 12Page - Analog Devices EVAL-ADE9430ARDZ Datasheet HTML 13Page - Analog Devices EVAL-ADE9430ARDZ Datasheet HTML 14Page - Analog Devices Next Button
Zoom Inzoom in Zoom Outzoom out
 10 / 35 page
background image
Data Sheet
ADE9430
PIN CONFIGURATION AND FUNCTION DESCRIPTIONS
analog.com
Rev. 0 | 10 of 35
Figure 3. Pin Configuration
Table 6. Pin Function Descriptions
Pin No.
Mnemonic
Description
1
PULL_HIGH
Pull High. Tie this pin to VDD.
2
DGND
Digital Ground. This pin provides the ground reference for the digital circuitry in the ADE9430. Because the digital return currents
in the ADE9430 are small, it is acceptable to connect this pin to the analog ground plane of the whole system. Connect all grounds
(GND, AGND, DGND, and REFGND) together at one point.
3
DVDDOUT
1.8 V Output of the Digital LDO Regulator. Decouple this pin with a 0.1 µF ceramic capacitor in parallel with a 4.7 µF ceramic
capacitor.
4
PM0
Power Mode Pin 0. PM0, combined with PM1, defines the power mode. For normal operation, ground PM0 and PM1.
5
PM1
Power Mode Pin 1. PM1 combined with PM0, defines the power mode. For normal operation, ground PM0 and PM1.
6
RESET
Reset Input, Active Low. This pin must stay low for at least 1 µs to trigger a hardware reset.
7, 8
IAP, IAN
Analog Inputs, Channel IA. The IAP (positive) and IAN (negative) inputs are fully differential voltage inputs with a maximum
differential level of ±1 V. This channel also has an internal PGA of 1, 2, or 4.
9, 10
IBP, IBN
Analog Inputs, Channel IB. The IBP (positive) and IBN (negative) inputs are fully differential voltage inputs with a maximum
differential level of ±1 V. This channel also has an internal PGA of 1, 2, or 4.
11, 12
ICP, ICN
Analog Inputs, Channel IC. The ICP (positive) and ICN (negative) inputs are fully differential voltage inputs with a maximum
differential level of ±1 V. This channel also has an internal PGA of 1, 2, or 4.
13, 14
INP, INN
Analog Inputs, Channel IN. The INP (positive) and INN (negative) inputs are fully differential voltage inputs with a maximum
differential level of ±1 V. This channel also has an internal PGA of 1, 2, or 4.
15
REFGND
Ground Reference, Internal Voltage Reference. Connect all grounds (GND, AGND, DGND, and REFGND) together at one point.
16
REF
Voltage Reference. The REF pin provides access to the on-chip voltage reference. The on-chip reference has a nominal value of
1.25 V. An external reference source of 1.2 V to 1.25 V can also be connected at this pin. In either case, decouple REF to REFGND
with a 0.1 µF ceramic capacitor in parallel with a 4.7 µF ceramic capacitor. After reset, the on-chip reference is enabled. To use the
internal voltage reference with the external circuits, a buffer is required.
17
NC1
No Connection. It is recommended to tie this pin to ground.
18
NC2
No Connection. It is recommended to tie this pin to ground.
19, 20
VAN, VAP
Analog Inputs, Channel VA. The VAP (positive) and VAN (negative) inputs are fully differential voltage inputs with a maximum
differential level of ±1 V. This channel also has an internal PGA of 1, 2, or 4.
21, 22
VBN, VBP
Analog Inputs, Channel VB. The VBP (positive) and VBN (negative) inputs are fully differential voltage inputs with a maximum
differential level of ±1 V. This channel also has an internal PGA of 1, 2, or 4.
23, 24
VCN, VCP
Analog Inputs, Channel VC. The VCP (positive) and VCN (negative) inputs are fully differential voltage inputs with a maximum
differential level of ±1 V. This channel also has an internal PGA of 1, 2, or 4.
25
AVDDOUT
1.9 V Output of the Analog LDO Regulator. Decouple AVDDOUT with a 0.1 µF ceramic capacitor in parallel with a 4.7 µF ceramic
capacitor. Do not connect external active circuitry to this pin.
26
AGND
Analog Ground Reference. Connect all grounds (GND, AGND, DGND, and REFGND) together at one point.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com